Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6921 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F6921
Description  Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6921 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F6921 Datasheet HTML 8Page - Renesas Technology Corp F6921 Datasheet HTML 9Page - Renesas Technology Corp F6921 Datasheet HTML 10Page - Renesas Technology Corp F6921 Datasheet HTML 11Page - Renesas Technology Corp F6921 Datasheet HTML 12Page - Renesas Technology Corp F6921 Datasheet HTML 13Page - Renesas Technology Corp F6921 Datasheet HTML 14Page - Renesas Technology Corp F6921 Datasheet HTML 15Page - Renesas Technology Corp F6921 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
F6921 Datasheet
R35DS0092EU0102 Rev.1.02
Nov 14, 2024
Page 12
5.2 Evaluation Board Schematic
Figure 16. Evaluation Board Schematic
Table 1. Bill of Material (BOM)
Part
Reference
QTY
Description
Manufacturer Part #
Manufacturer
C1, C2
2
33pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H330J
MURATA
C3, C4
2
1µF ±10%, 16V, X6S Ceramic Capacitor (0402)
GRM155C81C105K
MURATA
C7
1
10µF ±20%, 16V, X6S Ceramic Capacitor (0603)
GRM188C81C106M
MURATA
R1
1
3.2kΩ ±1%, 1/16W, Resistor (0402)
-
-
R2
1
DNI
-
-
R3, R4 [1]
2
0Ω Resistors (0402)
ERJ-2GE0R00X
PANASONIC
J5-J8
4
Edge Launch 2.92mm 40GHz
ELF-40-002
SIGNAL
MICROWAVE
TP1, TP2
2
Test Point Yellow
5004
Keystone
Electronics
J11
1
CONN HEADER R/A 2POS 2.54MM
1718571002
MOLEX
1.
For single channel operation of Ch2, remove R4 to disconnect VDD1 from the VDD supply pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com