Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6921 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F6921
Description  Dual-Channel Low Noise Amplifier 10.712.75 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6921 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F6921 Datasheet HTML 1Page - Renesas Technology Corp F6921 Datasheet HTML 2Page - Renesas Technology Corp F6921 Datasheet HTML 3Page - Renesas Technology Corp F6921 Datasheet HTML 4Page - Renesas Technology Corp F6921 Datasheet HTML 5Page - Renesas Technology Corp F6921 Datasheet HTML 6Page - Renesas Technology Corp F6921 Datasheet HTML 7Page - Renesas Technology Corp F6921 Datasheet HTML 8Page - Renesas Technology Corp F6921 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Datasheet
F6921
Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
R35DS0092EU0102 Rev.1.02
Nov 14, 2024
Page 1
© 2021-2024 Renesas Electronics
Description
The F6921 is an ultra-low power consumption, dual-
channel, low noise amplifier (LNA) RFIC designed
for application in Ku-Band SATCOM planar phased
array antennas. The exceptional combination of low
power consumption, low noise, high gain, and
compact size, maximizes the antenna array G/T
while minimizing overall system power dissipation.
An external bias current provides gain control,
standby mode and temperature compensation.
The F6921 includes two independent gain/phase
matched LNA channels in a compact 23-pin, 0.5mm
pitch BGA package. All inputs and outputs are
single-ended and 50Ω matched for ease of
integration on to phased array antenna panels.
Figure 1. Block Diagram
Features
Frequency: 10.7 – 12.75 GHz
Gain: 19.5dB
Noise Figure: 1.4dB
Output P1dB: -7dBm
Power Consumption: 12.5mW/ch
Channel Isolation: 37dB minimum
Supply Voltage: 0.9 – 1.0V
Common bias control input
Compact size for planar integration on λ/2 grid
2.7 × 2.7 × 0.9 mm, 23-pin BGA
-40°C to +85°C ambient operating temperature
range
Note: Performance is typical at 11.7GHz. For more
details, see the Specifications and Typical
Performance Characteristics sections.
Applications
Electronically Steered Phased Array Antennas
(ESAs)
Aerospace, Maritime, and Satcom-on-the-move
(SOTM)
Ku-Band SATCOM Terminals
Communication and Radar Systems
RFO1
[2]
CH1
CH2
VDD2
VDD1
IREF
RFI1
[1]
RFO2
[4]
RFI2
[3]
F6921


Similar Part No. - F6921

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6921 RENESAS-F6921 Datasheet
128Kb / 3P
Dual-Channel Low Noise Amplifier 10.7 ??12.75 GHz
F6921 RENESAS-F6921 Datasheet
887Kb / 17P
Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
Apr 8, 2021
F6921AVRI RENESAS-F6921AVRI Datasheet
128Kb / 3P
Dual-Channel Low Noise Amplifier 10.7 ??12.75 GHz
F6921AVRI RENESAS-F6921AVRI Datasheet
887Kb / 17P
Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
Apr 8, 2021
F6921AVRI8 RENESAS-F6921AVRI8 Datasheet
128Kb / 3P
Dual-Channel Low Noise Amplifier 10.7 ??12.75 GHz
More results

Similar Description - F6921

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000071-PKG003 MACOM-MAAP-000071-PKG003 Datasheet
202Kb / 4P
Amplifier, Power, 1.6W 12.75-15.35 GHz
logo
Transcom, Inc.
TA099-107-41-40 TRANSCOM-TA099-107-41-40 Datasheet
17Kb / 1P
9.9 - 10.7 GHz 10W Amplifier
logo
Renesas Technology Corp
F6121 RENESAS-F6121 Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
F6921 RENESAS-F6921 Datasheet
128Kb / 3P
Dual-Channel Low Noise Amplifier 10.7 ??12.75 GHz
F6922 RENESAS-F6922 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
F6923 RENESAS-F6923 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
logo
Qorvo, Inc
CMD320C3 QORVO-CMD320C3 Datasheet
349Kb / 13P
10.7-12.7 GHz Ultra Low Noise Amplifier
logo
Renesas Technology Corp
F6121 RENESAS-F6121_V01 Datasheet
189Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7–12.75 GHz
May 26, 2021
F6921 RENESAS-F6921_V01 Datasheet
887Kb / 17P
Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
Apr 8, 2021
F6922 RENESAS-F6922_V01 Datasheet
1Mb / 16P
Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com