Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD17577Q3A.B Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD17577Q3A.B
Description  CSD17577Q3A 30 V N-Channel NexFET™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD17577Q3A.B Datasheet(HTML) 2 Page - Texas Instruments

  CSD17577Q3A.B Datasheet HTML 1Page - Texas Instruments CSD17577Q3A.B Datasheet HTML 2Page - Texas Instruments CSD17577Q3A.B Datasheet HTML 3Page - Texas Instruments CSD17577Q3A.B Datasheet HTML 4Page - Texas Instruments CSD17577Q3A.B Datasheet HTML 5Page - Texas Instruments CSD17577Q3A.B Datasheet HTML 6Page - Texas Instruments CSD17577Q3A.B Datasheet HTML 7Page - Texas Instruments CSD17577Q3A.B Datasheet HTML 8Page - Texas Instruments CSD17577Q3A.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CSD17577Q3A
SLPS515A – AUGUST 2014 – REVISED JANUARY 2016
www.ti.com
Table of Contents
6.1
Community Resources.............................................. 7
1
Features .................................................................. 1
6.2
Trademarks ............................................................... 7
2
Applications ........................................................... 1
6.3
Electrostatic Discharge Caution ................................ 7
3
Description ............................................................. 1
6.4
Glossary .................................................................... 7
4
Revision History..................................................... 2
7
Mechanical, Packaging, and Orderable
5
Specifications......................................................... 3
Information ............................................................. 8
5.1
Electrical Characteristics........................................... 3
7.1
Q3A Package Dimensions ........................................ 8
5.2
Thermal Information .................................................. 3
7.2
Q3A Recommended PCB Pattern ............................ 9
5.3
Typical MOSFET Characteristics .............................. 4
7.3
Q3A Recommended Stencil Pattern ......................... 9
6
Device and Documentation Support.................... 7
7.4
Q3A Tape and Reel Information ............................. 10
4 Revision History
Changes from Original (August 2014) to Revision A
Page
Updated Power Dissipation value in Absolute Maximum Ratings table................................................................................. 1
Added Community Resources section .................................................................................................................................. 7
Updated Package Dimensions drawing. ................................................................................................................................ 8
Updated PCB drawing. .......................................................................................................................................................... 9
Updated Stencil Pattern drawing ............................................................................................................................................ 9
2
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Product Folder Links: CSD17577Q3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com