Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD17577Q3A.B Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD17577Q3A.B
Description  CSD17577Q3A 30 V N-Channel NexFET™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD17577Q3A.B Datasheet(HTML) 3 Page - Texas Instruments

  CSD17577Q3A.B Datasheet HTML 1Page - Texas Instruments CSD17577Q3A.B Datasheet HTML 2Page - Texas Instruments CSD17577Q3A.B Datasheet HTML 3Page - Texas Instruments CSD17577Q3A.B Datasheet HTML 4Page - Texas Instruments CSD17577Q3A.B Datasheet HTML 5Page - Texas Instruments CSD17577Q3A.B Datasheet HTML 6Page - Texas Instruments CSD17577Q3A.B Datasheet HTML 7Page - Texas Instruments CSD17577Q3A.B Datasheet HTML 8Page - Texas Instruments CSD17577Q3A.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CSD17577Q3A
www.ti.com
SLPS515A – AUGUST 2014 – REVISED JANUARY 2016
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, ID = 250 μA
30
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 24 V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 μA
1.1
1.4
1.8
V
VGS = 4.5 V, ID = 10 A
5.3
6.4
m
Ω
RDS(on)
Drain-to-source on-resistance
VGS = 10 V, ID = 16 A
4.0
4.8
m
Ω
gfs
Transconductance
VDS = 15 V, ID = 16 A
76
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
1780
2310
pF
Coss
Output capacitance
VGS = 0 V, VDS = 15 V, ƒ = 1 MHz
208
270
pF
Crss
Reverse transfer capacitance
79
103
pF
RG
Series gate resistance
1.4
2.8
Ω
Qg
Gate charge total (4.5 V)
13
17
nC
Qg
Gate charge total (10 V)
27
35
nC
Qgd
Gate charge gate-to-drain
VDS = 15 V, ID = 16 A
2.8
nC
Qgs
Gate charge gate-to-source
5.1
nC
Qg(th)
Gate charge at Vth
2.5
nC
Qoss
Output charge
VDS = 15 V, VGS = 0 V
6
nC
td(on)
Turn on delay time
4
ns
tr
Rise time
31
ns
VDS = 15 V, VGS = 10 V,
IDS = 16 A, RG = 0 Ω
td(off)
Turn off delay time
20
ns
tf
Fall time
4
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 16 A, VGS = 0 V
0.8
1
V
Qrr
Reverse recovery charge
8.2
nC
VDS= 15 V, IF = 16 A,
di/dt = 300 A/
μs
trr
Reverse recovery time
8.6
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case thermal resistance(1)
3.0
°C/W
RθJA
Junction-to-ambient thermal resistance(1)(2)
55
°C/W
(1)
RθJC is determined with the device mounted on a 1 inch
2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu pad on a 1.5 inches × 1.5 inches
(3.81 cm × 3.81 cm), 0.06 inch (1.52 mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD17577Q3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com