Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPDV3320-R-VF-FP Datasheet(PDF) 4 Page - Coherent Corp

Part # BPDV3320-R-VF-FP
Description  70 GHz DUAL-WINDOW BALANCED PHOTODETECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

BPDV3320-R-VF-FP Datasheet(HTML) 4 Page - Coherent Corp

  BPDV3320-R-VF-FP Datasheet HTML 1Page - Coherent Corp BPDV3320-R-VF-FP Datasheet HTML 2Page - Coherent Corp BPDV3320-R-VF-FP Datasheet HTML 3Page - Coherent Corp BPDV3320-R-VF-FP Datasheet HTML 4Page - Coherent Corp BPDV3320-R-VF-FP Datasheet HTML 5Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
70 GHz DUAL-WINDOW BALANCED PHOTODETECTOR
Typical Performance
O/E Bandwidth Log Magnitude Plot
Frequency [GHz]
Typical s21Plot with heterodyne system up to 90GHz
S22 Log Magnitude Plot
Typical s22 Plot measured with LCA limited to 67GHz
Frequency [GHz]
Mechanical Specifications
Parameter
Description
Signal fiber PD1
SMF-28, 900 μm loose buffer, white
Signal fiber PD2
SMF-28, 900 μm loose buffer, yellow
All dimensions in mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com