Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPDV3320-R-VF-FP Datasheet(PDF) 1 Page - Coherent Corp

Part # BPDV3320-R-VF-FP
Description  70 GHz DUAL-WINDOW BALANCED PHOTODETECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

BPDV3320-R-VF-FP Datasheet(HTML) 1 Page - Coherent Corp

  BPDV3320-R-VF-FP Datasheet HTML 1Page - Coherent Corp BPDV3320-R-VF-FP Datasheet HTML 2Page - Coherent Corp BPDV3320-R-VF-FP Datasheet HTML 3Page - Coherent Corp BPDV3320-R-VF-FP Datasheet HTML 4Page - Coherent Corp BPDV3320-R-VF-FP Datasheet HTML 5Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The BPDV3320R balanced photodetector consists of two optimized 70 GHz waveguide-integrated photodiodes on a single
chip. As a single balanced photodetector, this configuration ensures an excellent uniformity of the paired photodiodes and
is biased via an integrated biasing network. Due to the optimized combination of waveguide and photodiode design, even at
high optical powers, a linear frequency response can be guaranteed at both 1310 nm as well as 1550 nm. The integrated
50 Ω termination allows an excellent match of the electrical output signal.
Tailored configurations are available, such as BPDV dual pair and quad sets, including connector customization and
fiber-matching to enable coherent detection.
FEATURES
APPLICATIONS
• 70 GHz typical bandwidth
• Unsurpassed high-power capability
• Detection of 64 Gbaud x-QAM signals
• Support of 1310 nm and 1550 nm
• Unique on-chip biasing network
• Transmission systems up to 1 Tbps
• Coherent test and measurement systems
• Research and development systems
• Microwave photonics
70 GHz DUAL-WINDOW BALANCED
PHOTODETECTOR
Optical Communications
BPDV3320R


Similar Part No. - BPDV3320-R-VF-FP

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
BPDV3320RM-VF-FA COHERENT-BPDV3320RM-VF-FA Datasheet
295Kb / 2P
70 GHz BALANCED PHOTODETECTOR
BPDV3320RM-VF-FP COHERENT-BPDV3320RM-VF-FP Datasheet
295Kb / 2P
70 GHz BALANCED PHOTODETECTOR
BPDV3320RM-VM-FA COHERENT-BPDV3320RM-VM-FA Datasheet
295Kb / 2P
70 GHz BALANCED PHOTODETECTOR
BPDV3320RM-VM-FP COHERENT-BPDV3320RM-VM-FP Datasheet
295Kb / 2P
70 GHz BALANCED PHOTODETECTOR
BPDV3320RQ-VF-FA COHERENT-BPDV3320RQ-VF-FA Datasheet
295Kb / 2P
70 GHz BALANCED PHOTODETECTOR
More results

Similar Description - BPDV3320-R-VF-FP

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4258 HAMAMATSU-C4258 Datasheet
74Kb / 2P
PICOSECOND PHOTODETECTOR
logo
Finisar Corporation.
BPDV21X0R FINISAR-BPDV21X0R Datasheet
678Kb / 6P
43 GHz Balanced Photodetector
BPDV3120R FINISAR-BPDV3120R Datasheet
672Kb / 6P
70 GHz Balanced Photodetector
HPDV2120R FINISAR-HPDV2120R Datasheet
274Kb / 4P
50 GHz High-Power Photodetector
MPDV1120RA FINISAR-MPDV1120RA Datasheet
182Kb / 4P
35 GHz SMD Photodetector
XPDV21X0RA FINISAR-XPDV21X0RA Datasheet
638Kb / 5P
50 GHz Photodetector
XPDV412XR FINISAR-XPDV412XR Datasheet
215Kb / 5P
Ultra-Fast 100 GHz Photodetector
XPDV2320R FINISAR-XPDV2320R Datasheet
635Kb / 5P
50 GHz dual-window Photodetector
XPDV3120R FINISAR-XPDV3120R Datasheet
569Kb / 5P
70 GHz Photodetector
logo
List of Unclassifed Man...
SD039-151-011 ETC2-SD039-151-011 Datasheet
226Kb / 2P
InGaAs Photodetector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com