Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPDV3320-R-VF-FP Datasheet (PDF) - Coherent Corp

BPDV3320-R-VF-FP Datasheet PDF - Coherent Corp
Part # BPDV3320-R-VF-FP
Download  BPDV3320-R-VF-FP Download
File Size   1007.78 Kbytes
Page   5 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description 70 GHz DUAL-WINDOW BALANCED PHOTODETECTOR

BPDV3320-R-VF-FP Datasheet (PDF)

Go To PDF Page Download Datasheet
BPDV3320-R-VF-FP Datasheet PDF - Coherent Corp

Part # BPDV3320-R-VF-FP
Download  BPDV3320-R-VF-FP Click to download

File Size   1007.78 Kbytes
Page   5 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description 70 GHz DUAL-WINDOW BALANCED PHOTODETECTOR

BPDV3320-R-VF-FP Datasheet (HTML) - Coherent Corp


BPDV3320-R-VF-FP Product details

FEATURES
• 70 GHz typical bandwidth
• Unsurpassed high-power capability
• Detection of 64 Gbaud x-QAM signals
• Support of 1310 nm and 1550 nm
• Unique on-chip biasing network

APPLICATIONS
• Transmission systems up to 1 Tbps
• Coherent test and measurement systems
• Research and development systems
• Microwave photonics




Similar Part No. - BPDV3320-R-VF-FP

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
BPDV3320RM-VF-FA COHERENT-BPDV3320RM-VF-FA Datasheet
295Kb / 2P
70 GHz BALANCED PHOTODETECTOR
BPDV3320RM-VF-FP COHERENT-BPDV3320RM-VF-FP Datasheet
295Kb / 2P
70 GHz BALANCED PHOTODETECTOR
BPDV3320RM-VM-FA COHERENT-BPDV3320RM-VM-FA Datasheet
295Kb / 2P
70 GHz BALANCED PHOTODETECTOR
BPDV3320RM-VM-FP COHERENT-BPDV3320RM-VM-FP Datasheet
295Kb / 2P
70 GHz BALANCED PHOTODETECTOR
BPDV3320RQ-VF-FA COHERENT-BPDV3320RQ-VF-FA Datasheet
295Kb / 2P
70 GHz BALANCED PHOTODETECTOR
More results


Similar Description - BPDV3320-R-VF-FP

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4258 HAMAMATSU-C4258 Datasheet
74Kb / 2P
PICOSECOND PHOTODETECTOR
logo
Finisar Corporation.
BPDV21X0R FINISAR-BPDV21X0R Datasheet
678Kb / 6P
43 GHz Balanced Photodetector
BPDV3120R FINISAR-BPDV3120R Datasheet
672Kb / 6P
70 GHz Balanced Photodetector
HPDV2120R FINISAR-HPDV2120R Datasheet
274Kb / 4P
50 GHz High-Power Photodetector
MPDV1120RA FINISAR-MPDV1120RA Datasheet
182Kb / 4P
35 GHz SMD Photodetector
XPDV21X0RA FINISAR-XPDV21X0RA Datasheet
638Kb / 5P
50 GHz Photodetector
XPDV412XR FINISAR-XPDV412XR Datasheet
215Kb / 5P
Ultra-Fast 100 GHz Photodetector
XPDV2320R FINISAR-XPDV2320R Datasheet
635Kb / 5P
50 GHz dual-window Photodetector
XPDV3120R FINISAR-XPDV3120R Datasheet
569Kb / 5P
70 GHz Photodetector
logo
List of Unclassifed Man...
SD039-151-011 ETC2-SD039-151-011 Datasheet
226Kb / 2P
InGaAs Photodetector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com