Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCC-M0854MS Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # PCC-M0854MS
Description  Power Choke Coil (Automotive Grade)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PCC-M0854MS Datasheet(HTML) 2 Page - Panasonic Semiconductor

  PCC-M0854MS Datasheet HTML 1Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 2Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 3Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 4Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 5Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 6Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 7Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Power Choke Coil (Automotive Grade)
*1: Measured at 100 kHz
*2: The proved current value for making the overall temperature rise of 40K, when mounted on a multi-layer board with
high-heat dissipation (heat dissipation constant 8.5 x 8.0 x 5.4 mm : approx. 27 K/W, 10.9 x 10.0 mm : approx. 23 K/W).
*3: The proved current value for making the overall temperature rise of 40K, when mounted on a 4-layer circuit board of
FR4 t=1.6 mm and DC current is applied.
*4: Saturation rated current : DC current which causes L(0) drop –30 %.
*5: Vibration resistance conditions : Amplitude: 5 mm or less, sweep speed: 1 oct / min, frequency 5-2000 Hz, 3 directions/2 hours each,
total 6 hours
*6: The solderability is guaranteed for 1 year only. The product out of expiration date shall not be used
.
◆ Within a suitable application, the part’s temperature depends on circuit design and certain heat dissipation conditions. This
should be double checked in a worst case operation mode. In normal case, the max.standard operating temperature of +150°C
should not be exceeded. Please contact for possible to use over 150
℃ condition. Temperature up to 180 ℃ may possibly be used.
● Inductance vs DC Current
3
1
ETQP5M220YSC
20.00
45.50 (50.05)
6.2 (5.2)
7.9
ETQP5M3R3YTC
3.30
7.1 (7.81)
15.7 (13.1)
22.7
Rated current (A) Typ.
Vibration
resistance
(G)
MSL
Series
[Size L×W×H]
(mm)
L0
(μH)
Tolerance
(%)
Typ. (max.)
Tolerance
(%)
△T= 40 K*2
(
 )*3
△L=
–30 %*4
*5
*6
Inductance*1
DCR (at 20
℃)
(mΩ)
2.50
44.00
102.00 (112.20)
4.1 (3.4)
PCC-M1054MS
[10.0×10.9×5.4]
4.48 (4.93)
19.7 (16.4)
23.7
14.1 (12.0)
5.7
PCC-M1054MS
[10.0×10.9×5.4]
18.1 (15.1)
27.2
PCC-M1056MS
[10.0×10.9×5.6]
1
Standard parts
ETQP5M2R5YTC
Part No.
PCC-M0854MS
[8.0×8.5×5.4]
0.68
1.66 (1.83)
32.3 (27.0)
40.0
PCC-M1050MS
[10.0×10.9×5.0]
1.90
4.45 (4.90)
19.8 (16.5)
29.8
50.0
2.50
PCC-M1060MS
[10.0×10.9×6.0]
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
21-Feb-25
ETQP5M2R0YSC
Performance characteristics (Reference
①)
±20
ETQP5MR68YSC
ETQP5M2R5YSK
ETQP6M2R5YSC
ETQP5M470YSC
2.45
21.7
7.4 (8.14)
±10
5.3 (5.83)
DC Bias (A)
0
10
20
40
30
0
3.0
1.0
2.0
50
[ ETQP5M2R2YTC ]
[ ETQP5M2R5YSK ]
0
10
20
5
15
30
25
0
1.0
2.5
1.5
0.5
2.0
3.0
[ ETQP5MR68YSC ]
0.6
0.7
0.2
0.4
0
0.1
0.3
0.5
0
10
20
30
40
50
0
10
20
40
30
3.0
1.0
4.0
2.0
[ ETQP5M3R3YTC ]
[ ETQP5M2R0YSC ]
0
20
30
10
50
40
0
1.0
2.5
1.5
0.5
2.0
[ ETQP5M220YSC ]
25
15
0
5
10
20
0
2
4
6
8
10
DC Bias (A)
DC Bias (A)
DC Bias (A)
DC Bias (A)
DC Bias (A)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com