Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCC-M0854MS Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # PCC-M0854MS
Description  Power Choke Coil (Automotive Grade)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PCC-M0854MS Datasheet(HTML) 8 Page - Panasonic Semiconductor

  PCC-M0854MS Datasheet HTML 1Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 2Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 3Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 4Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 5Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 6Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 7Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Matters to Be Observed When Using This Product / Reference Information
■ To ensure insulation between the internal coil of the inductor and the upper surface of the board, avoid forming patterns
or vias in which voltage exceeding the guaranteed operating voltage is applied, on the uppermost layer of the board in
counter to the inductor bottom. (DUST series)
■ Do not form a pattern, via, etc., on the counter to the bottom of the inductor. (MC series/* Fig.1, Dust type/*Fig.2)
■ Keep a component placed around the inductor from being in contact with the surface (top face, side face) of the inductor.
(MC series/* Fig. 3)
■ Different from a ferrite core type with a magnetic energy concentration gap, the inductor described herein has a vertical
leakage flux distribution.
Exercise special caution when using a component or a circuit configuration susceptible to leakage flux from an inductor.
On the inductor package, a product number, the number of components, and the place of origin are indicated. Usually,
the place of origin is written in English.
25-Dec-24
Fig.1
Fig.2
 Labeling on package
Reference information
Fig.3
Counter to the bottom part
8.4
2.8
10
(PWB)
Side face
Top face
Counter to the
bottom part
Side face
10.35
10.35
1.9
4.4
Counter to the bottom part



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com