Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCC-M0854MS Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # PCC-M0854MS
Description  Power Choke Coil (Automotive Grade)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PCC-M0854MS Datasheet(HTML) 1 Page - Panasonic Semiconductor

  PCC-M0854MS Datasheet HTML 1Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 2Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 3Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 4Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 5Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 6Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 7Page - Panasonic Semiconductor PCC-M0854MS Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
High heat resistance and high reliability using metal composite core (MC)
Industrial property : Patents 18 (Registered 10 / Pending 8)
●The vibration-resistant structure achieves a vibration acceleration-resistance of 50 G or higher
in 150
℃ environments
●Reduce core loss in high frequency band (More than 2 MHz)
●High heat resistance
: Operation up to 150
℃ including self-heating. (180 ℃ short time*)
* Please contact for possible to use over 150
℃ condition. Temperature up to 180 ℃ may possibly be used.
●SMD type
●High-reliability
: High vibration resistance as result of newly developed integral construction;
under severe reliability conditions of automotive and other strenuous
applications
●High bias current
: Excellent inductance stability using ferrous alloy magnetic material
●Temp. stability
: Excellent inductance stability over broad temp. range
●Low audible (buzz) noise
: A gapless structure achieved with metal composite core
●High efficiency
: Low DC resistance of winding and low eddy-current loss of the core
●Shielded construction
●AEC-Q200 compliant
●RoHS compliant
●ECU placed in the engine itself, mechanical-electrical-integrated ECU
●Noise filter for various drive circuitry requiring high temp. operation and peak current handling capability
●Boost-Converter, Buck-Converter DC/DC
● 1,000 pcs/box (2 reel)
Code
Size
Power Inductors
Should a safety concern arise regarding this product, please be sure to contact us immediately.
21-Feb-25
Operating temperature range
Tc : -40
℃ to +150 ℃ (Including self-temperature rise)
Ta : -5
℃ to +35 ℃ 85%RH max.
Storage condition
After PWB mounting
Before PWB mounting
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
K
□ 8 mm
C
□ 10 mm
R68
Standard packing quantity (Minimum quantity/Packing unit)
Temperature rating
Temperature rating
Power Choke Coil (Automotive Grade)
PCC-M0854MS series
PCC-M1050MS series
Features
Recommended applications
Inductance
0.68 μH
Code
1
2
3
4
5
6
7
8
9
10
11
12
E
T
Q
P
M
Y
S
Product code
Height
Winding
Inductance
Suffix
Size
Core
Classification
UPDATE


Similar Part No. - PCC-M0854MS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PCC-M0840M-LP PANASONIC-PCC-M0840M-LP Datasheet
2Mb / 15P
Power Inductors
25-Apr-25
PCC-M0840M-LP PANASONIC-PCC-M0840M-LP Datasheet
237Kb / 13P
Power Choke Coil (Automotive Grade)
10 May. 2019
PCC-M0840M-LP PANASONIC-PCC-M0840M-LP Datasheet
2Mb / 15P
Power Choke Coil (Automotive Grade)
30-Jun-22
PCC-M0840M-LPMC PANASONIC-PCC-M0840M-LPMC Datasheet
237Kb / 13P
Power Choke Coil (Automotive Grade)
10 May. 2019
More results

Similar Description - PCC-M0854MS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ETQP6F2R5BFA PANASONIC-ETQP6F2R5BFA Datasheet
524Kb / 2P
Power Choke Coil
PCC-F126F PANASONIC-PCC-F126F Datasheet
220Kb / 2P
Power Choke Coil
ETQP1H0R6BFA PANASONIC-ETQP1H0R6BFA Datasheet
120Kb / 2P
Power Choke Coil
ETQP5M4R7YFM PANASONIC-ETQP5M4R7YFM Datasheet
107Kb / 4P
Power Choke Coil for Automotive application
ETQP3LR33XFN PANASONIC-ETQP3LR33XFN Datasheet
481Kb / 3P
Power Choke Coil
ETQP4LR36AFC PANASONIC-ETQP4LR36AFC Datasheet
66Kb / 2P
Power Choke Coil
logo
KOA Speer Electronics, ...
SDS1205TTEB2R5M KOA-SDS1205TTEB2R5M Datasheet
325Kb / 5P
power choke coil
logo
Panasonic Semiconductor
ETQ-P2H0R7BFA PANASONIC-ETQ-P2H0R7BFA Datasheet
77Kb / 2P
Power Choke Coil
ETQ-P3H0R8BFA PANASONIC-ETQ-P3H0R8BFA Datasheet
86Kb / 2P
Power Choke Coil
logo
Panasonic Battery Group
ETQP4LR36AFM PANASONICBATTERY-ETQP4LR36AFM Datasheet
156Kb / 7P
Power Choke Coil for Automotive application
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com