Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARTP1100 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ARTP1100
Description  RP-TNC STRAIGHT PLUG CRIMP FOR RG316 / 100 SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ARTP1100 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ARTP1100 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.843
21.4
0.461
11.7
0.157
4
0.087
2.2
PIN
RoHS Compliant
-SOLDERED-
C
CABLE RETENTION: > 30 POUNDS
RECOMMENDED CABLE
STRIPPING
500 CYCLE
WITHSTAND VOLTAGE: 1500V
CRIMP SIZE
FERRULE
RECOMMENDED
NOTES:
>
ELECTRICAL:
IMPEDANCE: 50 OHMS
DURABILITY:
1.50 @ 0~4 GHz
<
MISCELLANEOUS:
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
VSWR:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
FREQUENCY RANGE: 0~4 GHz
RECOMMENDED
DESCRIPTION
MATERIAL
FINISH
CENTER CONTACTS
BRASS
GOLD
OUTER CONTACT
BRASS
NICKEL
COUPLING NUT
BRASS
NICKEL
CRIMP FERRULE
BRASS
NICKEL
GASKET
RUBBER
---
INSULATOR
TEFLON
---
RETAINING RING
BRASS
NICKEL
7/16-28 UNEF-2B
SOLDER
PIN
09/22/09
09/22/09
A
B
C
M.Audas
M.Audas
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ARTP-1100
C
ARTP-1100.SLDDRW
11
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
09/22/09
A
B
INITIAL RELEASE
ECN 4355: UPDATED FORMAT AND TEXT
11/05/09
B.PUCHASKI
B.PUCHASKI
C
ECN 5802: CHANGED VALUES TO: 0~4 GHz
11/2/11
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
RP-TNC STRAIGHT PLUG CRIMP
CONNECTOR
PROJECTION
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES [mm]
B.Puchaski
FOR RG316 / 100 SERIES
ALL = ± 1°
MAY OCCUR
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
09/22/09


Similar Part No. - ARTP1100

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ARTP1404 L-COM-ARTP1404 Datasheet
96Kb / 1P
RP-TNC Straight Plug Crimp For RG8 / LMR400
11/11/2009
ARTP1406 L-COM-ARTP1406 Datasheet
60Kb / 1P
RP-TNC PLUG SOLDERLESS CRIMP CONNECTOR FOR LMR400
02/06/14
ARTP1502 L-COM-ARTP1502 Datasheet
27Kb / 1P
RP-TNC STRAIGHT PLUG CRIMP FOR 240 SERIES
03/03/10
ARTP1606 L-COM-ARTP1606 Datasheet
58Kb / 1P
CON, RP-TNC PLUG CRIMP
04/27/2010
ARTP1708 L-COM-ARTP1708 Datasheet
27Kb / 1P
RP-TNC STRAIGHT PLUG CRIMP FOR RG58 /LMR195
09/22/09
More results

Similar Description - ARTP1100

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4681 PASTERNACK-PE4681 Datasheet
318Kb / 3P
RP TNC Male Right Angle Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4690 PASTERNACK-PE4690 Datasheet
314Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4668 PASTERNACK-PE4668 Datasheet
226Kb / 2P
RP TNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44371 PASTERNACK-PE44371 Datasheet
204Kb / 2P
RP MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4686 PASTERNACK-PE4686 Datasheet
257Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG58
PE4700 PASTERNACK-PE4700 Datasheet
319Kb / 3P
RP TNC Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .480 inch D Hole
PE44369 PASTERNACK-PE44369 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE44902 PASTERNACK-PE44902 Datasheet
401Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
PE44903 PASTERNACK-PE44903 Datasheet
413Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
PE45143 PASTERNACK-PE45143 Datasheet
346Kb / 3P
TNC Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com