Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6042 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # RFSW6042
Description  Low Insertion High Isolation SP4T Switch 5MHz to 6000MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW6042 Datasheet(HTML) 2 Page - Qorvo, Inc

  RFSW6042 Datasheet HTML 1Page - Qorvo, Inc RFSW6042 Datasheet HTML 2Page - Qorvo, Inc RFSW6042 Datasheet HTML 3Page - Qorvo, Inc RFSW6042 Datasheet HTML 4Page - Qorvo, Inc RFSW6042 Datasheet HTML 5Page - Qorvo, Inc RFSW6042 Datasheet HTML 6Page - Qorvo, Inc RFSW6042 Datasheet HTML 7Page - Qorvo, Inc RFSW6042 Datasheet HTML 8Page - Qorvo, Inc RFSW6042 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Revision DS20151009
- 2 of 12 -
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFSW6042
Absolute Maximum Ratings
Parameter
Rating
Unit
Control Voltage (VCTL)
3.0
V
Supply Voltage (VDD)
6.0
V
Maximum CW Input Power for VDD = 3V
35
dBm
Storage Temperature Range
-40 to +150
°C
ESD Rating - Human Body Model (HBM)
2000
V
Moisture Sensitivity Level
MSL2
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Recommended Operating Condition
Parameter
Specification
Unit
Min
Typ
Max
Operating Temperature Range
-40
+85
°C
VDD – Switch Supply Voltage
3
5
5.5
V
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
Electrical Specifications, TA=25°C, VDD=5V
Operating Frequency Range
5
6000
MHz
Insertion Loss (RFC to RF1/RF2/
RF3/RF4)
0.32
0.5
dB
925MHz
0.45
0.6
dB
1990MHz
0.45
dB
2650MHz
1.25
dB
5850MHz
Isolation (RFC to RF1/RF2/RF3 /
RF4)
36
dB
925MHz
28
dB
1990MHz
25
dB
2650MHz
17
dB
5850MHz
Isolation (RF1 to RF2/RF3/RF4)
35
43
dB
925MHz
27
34
dB
1990MHz
30
dB
2650MHz
15
dB
5850MHz
Return Loss (On State)
-15
dB
5MHz ~ 3GHz
Return Loss (On State)
-12
dB
3GHz ~ 6GHz
900MHz Second Harmonic
-108
-95
dBc
Pin = 28dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com