Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6042 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFSW6042
Description  Low Insertion High Isolation SP4T Switch 5MHz to 6000MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW6042 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFSW6042 Datasheet HTML 1Page - Qorvo, Inc RFSW6042 Datasheet HTML 2Page - Qorvo, Inc RFSW6042 Datasheet HTML 3Page - Qorvo, Inc RFSW6042 Datasheet HTML 4Page - Qorvo, Inc RFSW6042 Datasheet HTML 5Page - Qorvo, Inc RFSW6042 Datasheet HTML 6Page - Qorvo, Inc RFSW6042 Datasheet HTML 7Page - Qorvo, Inc RFSW6042 Datasheet HTML 8Page - Qorvo, Inc RFSW6042 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Revision DS20151009
- 1 of 12 -
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFSW6042
Low Insertion High Isolation SP4T Switch
5MHz to 6000MHz
The RFSW6042 is a low loss, high isolation SP4T switch with
performance optimized for use in Cellular BTS applications. Plus it
is also ideally suited for use in CATV and SATV applications. This
part is packaged in a compact 1.8mm x 1.8mm, 12-pin, QFN
package which allows for a small solution size with no need for
external DC blocking capacitors (when no external DC is applied
to the device ports).
C1
C2
1
2
9
8
7
10
11
12
GND
ANT
6
5
4
3
Functional Block Diagram
Ordering Information
RFSW6042SQ
Sample bag with 25 pieces
RFSW6042SR
7" Reel with 100 pieces
RFSW6042TR7
7" Reel with 2500 pieces
RFSW6042PCK-410
5MHz to 3GHz PCBA with 5-piece sample bag
RFSW6042PCK-411
3GHz to 6GHz PCB with 5-piece sample bag
Package: QFN, 12-pin,
1.8mm x 1.8mm
Features
■
5MHz to 6000MHz Operation
■
Low Insertion Loss: 0.45dB at
2GHz
■
High Isolation: 34dB at 2GHz
■
High IP3: >70dBm at 2GHz
■
Compatible with Low Voltage Logic
(VHIGH Minimum = 1.3V)
■
No External DC Blocking
■
Capacitors Required on RF
Paths if DC is Applied
Externally
■
2000V HBM ESD Rating on All
Ports
■
3V to 5V Operation
Applications
■
Cellular BTS
■
CATV, SATV Applications
■
Test Equipment
■
General Purpose Switch
RFSW6042


Similar Part No. - RFSW6042

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6042 RFMD-RFSW6042 Datasheet
1Mb / 12P
Low Insertion High Isolation SP4T Switch
More results

Similar Description - RFSW6042

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-010350 MA-COM-MASW-010350 Datasheet
193Kb / 6P
SP4T High Isolation Terminated Switch
logo
RF Micro Devices
RFSA3523 RFMD-RFSA3523 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSW6032 RFMD-RFSW6032 Datasheet
846Kb / 9P
Low Insertion High Isolation SP3T Switch
RFSW6042 RFMD-RFSW6042 Datasheet
1Mb / 12P
Low Insertion High Isolation SP4T Switch
RFSW6062 RFMD-RFSW6062 Datasheet
1Mb / 13P
Low Insertion High Isolation SP6T Switch
logo
TriQuint Semiconductor
QPC6742 TRIQUINT-QPC6742 Datasheet
1Mb / 14P
75(ohm) SP4T Switch 5MHz to 2000MHz
logo
BeRex Corporation
BSW6321 BEREX-BSW6321 Datasheet
1Mb / 13P
5MHz-6000MHz High Linearity Reflective SPDT RF switch
BSW6421 BEREX-BSW6421 Datasheet
1Mb / 13P
5MHz-6000MHz High Isolation Reflective SPDT RF switch
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
logo
Qorvo, Inc
QPC6044 QORVO-QPC6044 Datasheet
1Mb / 12P
5MHz to 6GHz Absorptive High Isolation SP4T Switch
April 9, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com