Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6042 Datasheet (PDF) - Qorvo, Inc

RFSW6042 Datasheet PDF - Qorvo, Inc
Part # RFSW6042
Download  RFSW6042 Download
File Size   1609.96 Kbytes
Page   12 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Low Insertion High Isolation SP4T Switch 5MHz to 6000MHz

RFSW6042 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFSW6042 Datasheet PDF - Qorvo, Inc

Part # RFSW6042
Download  RFSW6042 Click to download

File Size   1609.96 Kbytes
Page   12 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Low Insertion High Isolation SP4T Switch 5MHz to 6000MHz

RFSW6042 Datasheet (HTML) - Qorvo, Inc


RFSW6042 Product details

Features
■ 5MHz to 6000MHz Operation
■ Low Insertion Loss: 0.45dB at
2GHz
■ High Isolation: 34dB at 2GHz
■ High IP3: >70dBm at 2GHz
■ Compatible with Low Voltage Logic
(VHIGH Minimum = 1.3V)
■ No External DC Blocking
■ Capacitors Required on RF
Paths if DC is Applied
Externally
■ 2000V HBM ESD Rating on All
Ports
■ 3V to 5V Operation
Applications
■ Cellular BTS
■ CATV, SATV Applications
■ Test Equipment
■ General Purpose Switch




Similar Part No. - RFSW6042

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6042 RFMD-RFSW6042 Datasheet
1Mb / 12P
Low Insertion High Isolation SP4T Switch
More results


Similar Description - RFSW6042

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-010350 MA-COM-MASW-010350 Datasheet
193Kb / 6P
SP4T High Isolation Terminated Switch
logo
RF Micro Devices
RFSA3523 RFMD-RFSA3523 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSW6032 RFMD-RFSW6032 Datasheet
846Kb / 9P
Low Insertion High Isolation SP3T Switch
RFSW6042 RFMD-RFSW6042 Datasheet
1Mb / 12P
Low Insertion High Isolation SP4T Switch
RFSW6062 RFMD-RFSW6062 Datasheet
1Mb / 13P
Low Insertion High Isolation SP6T Switch
logo
TriQuint Semiconductor
QPC6742 TRIQUINT-QPC6742 Datasheet
1Mb / 14P
75(ohm) SP4T Switch 5MHz to 2000MHz
logo
BeRex Corporation
BSW6321 BEREX-BSW6321 Datasheet
1Mb / 13P
5MHz-6000MHz High Linearity Reflective SPDT RF switch
BSW6421 BEREX-BSW6421 Datasheet
1Mb / 13P
5MHz-6000MHz High Isolation Reflective SPDT RF switch
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
logo
Qorvo, Inc
QPC6044 QORVO-QPC6044 Datasheet
1Mb / 12P
5MHz to 6GHz Absorptive High Isolation SP4T Switch
April 9, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com