Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARTP1606 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ARTP1606
Description  CON, RP-TNC PLUG CRIMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ARTP1606 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ARTP1606 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
K.BURGNER
.610
15.49
1.28
32.4
.54
13.7
.69
17.5
.89
22.7
.22
5.5
.75
19.0
.69
17.5
.54
13.8
CENTER PIN
(SOLDER TYPE)
F
.14
3.5
.38
9.6
RECOMMENDED
CABLE STRIPPING
F
.178
4.52
RECOMMENDED
CONTACT PIN CRIMP
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: 0 ~ 6 GHz
VOLTAGE RATING: 500 VOLTS PEAK
DIELECTRIC WITHSTANDING VOLTAGE: 1500 VOLTS RMS
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
MISCELLANEOUS:
CABLE RETENTION: 80 LBS PULL.
APPLICATION: LMR600, AND EQUIVALENT.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
RECOMMENDED
FERRULE CRIMP
F
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
CONTACT PIN
BRASS
GOLD PLATE
INSULATOR
PTFE
NATURAL
WASHER
BRASS
NICKEL PLATE
INSULATOR
POM
NATURAL
RETAINING RING
SK5
NICKEL PLATE
GASKET
RUBBER
RED
SHELL
BRASS
NICKEL PLATE
FERRULE
BRASS
NICKEL PLATE
.610
15.49
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ARTP-1606
F
ARTP-1606.SLDDRW
1
1
K.BURGNER
04/27/2010
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
04/27/2010
02/19/2019
F
ECN 9701: REVISED MODEL, DIMENSIONS, STRIP DIMS, MATERIALS, FORMAT
DFRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CON, RP-TNC PLUG CRIMP
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
DFRISIELLO
COLOR VARIATIONS
MAY OCCUR
04/27/2010
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - ARTP1606

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ARTP1100 L-COM-ARTP1100 Datasheet
27Kb / 1P
RP-TNC STRAIGHT PLUG CRIMP FOR RG316 / 100 SERIES
09/22/09
ARTP1404 L-COM-ARTP1404 Datasheet
96Kb / 1P
RP-TNC Straight Plug Crimp For RG8 / LMR400
11/11/2009
ARTP1406 L-COM-ARTP1406 Datasheet
60Kb / 1P
RP-TNC PLUG SOLDERLESS CRIMP CONNECTOR FOR LMR400
02/06/14
ARTP1502 L-COM-ARTP1502 Datasheet
27Kb / 1P
RP-TNC STRAIGHT PLUG CRIMP FOR 240 SERIES
03/03/10
ARTP1708 L-COM-ARTP1708 Datasheet
27Kb / 1P
RP-TNC STRAIGHT PLUG CRIMP FOR RG58 /LMR195
09/22/09
More results

Similar Description - ARTP1606

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-6502 AMPHENOL-31-6502 Datasheet
148Kb / 1P
TNC RP STR PLUG IP67 FOR LMR-200 CABLE
logo
Pasternack Enterprises,...
PE4678 PASTERNACK-PE4678 Datasheet
226Kb / 2P
RP TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4690 PASTERNACK-PE4690 Datasheet
314Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4661 PASTERNACK-PE4661 Datasheet
299Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG214, RG9
PE4668 PASTERNACK-PE4668 Datasheet
226Kb / 2P
RP TNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4687 PASTERNACK-PE4687 Datasheet
285Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG59, RG62
logo
Tyco Electronics
5225555-6 MACOM-5225555-6 Datasheet
72Kb / 1P
PLUG, DUAL CRIMP, TNC
logo
Pasternack Enterprises,...
PE4686 PASTERNACK-PE4686 Datasheet
257Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG58
logo
List of Unclassifed Man...
ANT-DB1-RMS-RPS ETC2-ANT-DB1-RMS-RPS Datasheet
185Kb / 1P
RP-SMA or TNC connector
logo
Pasternack Enterprises,...
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com