Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7611P Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC7611P
Description  12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7611P Datasheet(HTML) 5 Page - Texas Instruments

  DAC7611P Datasheet HTML 1Page - Texas Instruments DAC7611P Datasheet HTML 2Page - Texas Instruments DAC7611P Datasheet HTML 3Page - Texas Instruments DAC7611P Datasheet HTML 4Page - Texas Instruments DAC7611P Datasheet HTML 5Page - Texas Instruments DAC7611P Datasheet HTML 6Page - Texas Instruments DAC7611P Datasheet HTML 7Page - Texas Instruments DAC7611P Datasheet HTML 8Page - Texas Instruments DAC7611P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
®
5
DAC7611
TIMING DIAGRAMS
LOGIC TRUTH TABLE
SERIAL SHIFT
CS(1) CLK(1)
CLR
LD
REGISTER
DAC REGISTER
H
X
H
H
No Change
No Change
L
L
H
H
No Change
No Change
L
H
H
H
No Change
No Change
L
↑
H
H
Advanced One Bit
No Change
↑
L
H
H
Advanced One Bit
No Change
H(2)
XH
↓
No Change
Changes to Value of
Serial Shift Register
H(2)
XH
L(3)
No Change
Transparent
H
X
L
X
No Change
Loaded with 000H
HX
↑
H
No Change
Latched with 000H
↑ Positive Logic Transition; ↓ Negative Logic Transition; X = Don’t Care.
NOTES: (1) CS and CLK are interchangeable. (2) A HIGH value is suggested
in order to avoid to “false clock” from advancing the shift register and changing
the DAC voltage. (3) If data is clocked into the serial register while LD is LOW,
the DAC output voltage will change, reflecting the current value of the serial
shift register.
TIMING SPECIFICATIONS
TA = –40°C to +85°C and VDD = +5V.
SYMBOL
DESCRIPTION
MIN
TYP
MAX UNITS
tCH
Clock Width HIGH
30
ns
tCL
Clock Width LOW
30
ns
tLDW
Load Pulse Width
20
ns
tDS
Data Setup
15
ns
tDH
Data Hold
15
ns
tCLRW
Clear Pulse Width
30
ns
tLD1
Load Setup
15
ns
tLD2
Load Hold
10
ns
tCSS
Select
30
ns
tCSH
Deselect
20
ns
NOTE: All input control signals are specified with tR = tF = 5ns (10% to 90%
of +5V) and timed from a voltage level of 1.6V. These parameters are
guaranteed by design and are not subject to production testing.
D11
(MSB)
(LSB)
SDI
CLK
CS
LD
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
t
CSS
t
LD1
t
LD2
t
CSH
LD
FS
ZS
CLR
V
OUT
t
LDW
t
S
t
CLRW
t
S
±1 LSB
Error Band
SDI
CLK
t
CL
t
CH
t
DH
t
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com