Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7611P Datasheet(PDF) 12 Page - Texas Instruments

Part # DAC7611P
Description  12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7611P Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC7611P Datasheet HTML 8Page - Texas Instruments DAC7611P Datasheet HTML 9Page - Texas Instruments DAC7611P Datasheet HTML 10Page - Texas Instruments DAC7611P Datasheet HTML 11Page - Texas Instruments DAC7611P Datasheet HTML 12Page - Texas Instruments DAC7611P Datasheet HTML 13Page - Texas Instruments DAC7611P Datasheet HTML 14Page - Texas Instruments DAC7611P Datasheet HTML 15Page - Texas Instruments DAC7611P Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
®
12
DAC7611
As with the GND connection, VDD should be connected to
a +5V power supply plane or trace that is separate from the
connection for digital logic until they are connected at the
power entry point. In addition, the 10
µF and 0.1µF capaci-
tors shown in Figure 4 are strongly recommended and
should be installed as close to V
DD and ground as possible.
In some situations, additional bypassing may be required
such as a 100
µF electrolytic capacitor or even a “Pi” filter
made up of inductors and capacitors—all designed to essen-
tially lowpass filter the +5V supply, removing the high
frequency noise (see Figure 4).
OFFSET ERROR MEASUREMENT
As with most DACs, the DAC7611 can have an offset error
(or zero scale error) which is either negative or positive. If
the error is positive, the output voltage for an input code of
000H will be greater than 0V. If the error is negative, the
output voltage is below 0V. However, since the DAC7611 is
a single-supply device and cannot swing below ground, the
output voltage will be 0V, giving the impression that the
offset error is zero.
Since measuring the offset error on a DAC is such a
common task, a method is needed to reliably measure the
offset error of the DAC7611. This can easily be done as
shown in Figure 5. The resistor between V
OUT and a nega-
tive voltage provides the output amplifier some ability to
swing below ground.
FIGURE 4. Suggested Power and Ground Connections for a DAC7611 Sharing a +5V Supply with a Digital System.
FIGURE 5. Offset Error Measurement Circuit.
+
+5V
GND
100µF
Digital Circuits
+5V
GND
+5V
Power
Supply
Other
Analog
Components
V
DD
GND
DAC7611
+
10µF
0.1µF
Optional
1
2
3
4
8
7
6
5
V
OUT
GND
CLR
LD
V
DD
CS
CLK
SDI
DAC7611
+
0.1µF
10µF
+5V
R
i
≤ 200µA
–V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com