Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7611P Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC7611P
Description  12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7611P Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC7611P Datasheet HTML 6Page - Texas Instruments DAC7611P Datasheet HTML 7Page - Texas Instruments DAC7611P Datasheet HTML 8Page - Texas Instruments DAC7611P Datasheet HTML 9Page - Texas Instruments DAC7611P Datasheet HTML 10Page - Texas Instruments DAC7611P Datasheet HTML 11Page - Texas Instruments DAC7611P Datasheet HTML 12Page - Texas Instruments DAC7611P Datasheet HTML 13Page - Texas Instruments DAC7611P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
®
10
DAC7611
clear input (CLR) is provided to simplify start-up or periodic
resets. Table I shows the relationship between input code
and output voltage.
The digital data into the DAC7611 is double-buffered. This
means that new data can be entered into the DAC without
disturbing the old data and the analog output of the con-
verter. At some point after the data has been entered into the
serial shift register, this data can be transferred into the DAC
register. This transfer is accomplished with a HIGH to LOW
transition of the LD pin. However, the LD pin makes the
DAC register transparent. If new data is shifted into the shift
register while LD is LOW, the DAC output voltage will
change as each new bit is entered. To prevent this, LD must
be returned HIGH prior to shifting in new serial data.
At any time, the contents of the DAC register can be set to
000H (analog output equals 0V) by taking the CLR input
LOW. The DAC register will remain at this value until CLR
is returned HIGH and LD is taken LOW to allow the
contents of the shift register to be transferred to the DAC
register. If LD is LOW when CLR is taken LOW, the DAC
register will be set to 000
H and the analog output driven to
0V. When CLR is returned HIGH, the DAC register will be
set to the current value in the serial shift register and the
analog output will respond accordingly.
DIGITAL-TO-ANALOG CONVERTER
The internal DAC section is a 12-bit voltage output
device that swings between ground and the internal ref-
erence voltage. The DAC is realized by a laser-trimmed
R-2R ladder network which is switched by N-channel
MOSFETs. The DAC output is internally connected to
the rail-to-rail output operational amplifier.
OUTPUT AMPLIFIER
A precision, low-power amplifier buffers the output of the
DAC section and provides additional gain to achieve a 0 to
4.095V range. The amplifier has low offset voltage, low
noise, and a set gain of 1.682V/V (4.095/2.435). See Figure
2 for an equivalent circuit schematic of the analog portion of
the DAC7611.
FIGURE 2. Simplified Schematic of Analog Portion.
OPERATION
The DAC7611 is a 12-bit digital-to-analog converter (DAC)
complete with a serial-to-parallel shift register, DAC regis-
ter, laser-trimmed 12-bit DAC, on-board reference, and a
rail-to-rail output amplifier. Figure 1 shows the basic opera-
tion of the DAC7611.
INTERFACE
Figure 1 shows the basic connection between a
microcontroller and the DAC7611. The interface consists of
a serial clock (CLK), serial data (SDI), and a load strobe
signal (LD). In addition, a chip select (CS) input is available
to enable serial communication when there are multiple
serial devices. The data format is Straight Binary and is
loaded MSB-first into the shift registers. An asynchronous
DAC7611 Full-Scale Range = 4.095V
Least Significant Bit = 1mV
DIGITAL INPUT CODE
ANALOG OUTPUT
STRAIGHT BINARY
(V)
DESCRIPTION
FFFH
+4.095
Full Scale
801H
+2.049
Midscale + 1 LSB
800H
+2.048
Midscale
7FFH
+2.047
Midscale – 1 LSB
000H
0
Zero Scale
TABLE I. Digital Input Code and Corresponding Ideal
Analog Output.
FIGURE 1. Basic Operation of the DAC7611.
2R
2R
2R
R
2R
2R
R
R1
R
R2
Output Amplifier
R-2R DAC
Bandgap
Reference
2.435V
Buffer
1
2
3
4
8
7
6
5
V
OUT
GND
CLR
LD
V
DD
CS
CLK
SDI
Serial Clock
Serial Data
Load Strobe
DAC7611
+
0.1µF
10µF
From
µC
0V to
+4.095V
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com