Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD-250A-R-T Datasheet(PDF) 13 Page - Bourns Electronic Solutions

Part # SSD-250A-R-T
Description  SSD SeriesRiedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SSD-250A-R-T Datasheet(HTML) 13 Page - Bourns Electronic Solutions

Back Button SSD-250A-R-T Datasheet HTML 9Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 10Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 11Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 12Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 13Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 14Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 15Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 16Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 17Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
G! GET ERRORS
Used to get the error register to check sensor status. Returned
data is an int16 which can be decoded below.
Send: :1G!<cr>
Receive: !****_<cr>
SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
SSD Interface Manual (continued)
Returned ERROR / ALERT bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit0 Vbus Range Over - Bus Voltage exceeds the MAX voltage for the range selected, see 0X17 command
Bit1 Current Range Over - Peak current exceeded the range selected, see 0X17 command
Bit2 Current Under Limit - Current is below the limit set, see 0X18 command
Bit3 Current Over Limit - Current is above the limit set, see 0X19 command
Bit4 Temp Over Limit - Temperature is above +125 °C or the limit set, see 0X1A command.
Bit5 Vbus Under Limit - Bus Voltage is below the limit set, see 0X1B command
Bit6 Vbus Over Limit - Bus Voltage is above the limit set, see 0X1C command
Bit7 Power Over Limit - Power is above the limit set, see 0X1D command
Bit8 Coulomb Overflow - Coulombs have exceeded the range of ± 247
Bit9 Energy Overflow - Energy has exceeded 248
Bit10 ADC CRC Read - The ADC’s CRC doesn’t match the calculated CRC of the returned data
Bit11 ADC Initialization - The ADC’s initialized registers don’t match the written values
Bit12 EEPROM R/W - Error reading or writing to the internal EEPROM
Bit13 EEPROM Corrupt - The EEPROM CRC doesn’t match saved value
Bit14 ECC Single Bit Error - Flash Femory had an Auto-Correctable Error
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
NOTE: No settings are saved until a save settings to EEPROM command is issued!
Power cycling will restore previous settings. See RESET command :1RS0F<cr>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com