Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD-250A-R-T Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SSD-250A-R-T
Description  SSD SeriesRiedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SSD-250A-R-T Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SSD-250A-R-T Datasheet HTML 1Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 2Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 3Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 4Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 5Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 6Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 7Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 8Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
Features
n
24-bit isolated shunt current sensor with
RS485/MODBUS interface
n
100 A (2 kA peak), 250 A (5 kA peak), or
500 A (10 kA peak)
n
Dielectric withstand: 1500 VDC
n
Reinforced insulation according to IEC
60664
n
16-bit +150 °C microcontroller
n
24-bit ADC with buffered analog inputs
n
ECC flash memory with autocorrect
single bit errors
n
Internal and external CRC data error
detection
n
Advanced non-linear temperature
compensation
n
RoHS compliant*
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last
page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer
and Reproductive Harm
www.P65Warnings.ca.gov
Specifications
Characteristic
SSD-100A
SSD-250A
SSD-500A
Nominal Current (A)
±100
±250
±500
Peak Current (No Clipping)
+2 kA / -1 kA
+5 kA / -2.5 kA
+10 kA / -5 kA
Shunt Resistance (µΩ)
Excluding primary termination resistance
300
120
60
Initial Accuracy
< ±0.1 %
Linearity Over Current Range
< ±0.1 % + 5 mA
< ±0.1 % + 13 mA
< ±0.1 % + 25 mA
Bandwidth
5 kHz
ADC Resolution
24 bits
Speed (readings per second)
up to 1100 rps (0.9 - 3300 ms per reading)
Supply Voltage (5 - 60 VDC)
@ 5.0 V, 55 mA typical
@ 24 V, 15 mA typical
DC Bus Voltage Measurement
±1200 VDC max. (10 M input impedance)
Linearity Over Voltage Range
< ±0.1 % + 25 mV
RS-485 Interface (default)
Speeds: 4800, 9600, 14400, 19200 (default), 28800, 38400, 57600, 115200, 230400, 460800, 921600
8 bits, no parity, 1 stop
Long Term Stability
< ±0.1 % 1000 hours 60 °C terminal temperature
< ±0.3 % 1000 hours 115 °C terminal temperature
Galvanic Isolation
1500 VDC 1000 VAC RMS (maximum continuous working voltage)
Dielectric Strength
3500 VAC RMS 1 minute
Operating Temperature
-40 °C to +115 °C ambient
-40 °C to +125 °C primary conductor (see derating curve on page 2)
Storage Temperature
-55 °C to +125 °C
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Materials (RoHS Compliant)
Resistance Element....................CuMnNi
Current Terminal1....Nickel-plated copper
Electronics Housing..............94-V0 rated
Note:
1 Suitable for copper, copper-clad aluminum or
aluminum conductors
Product Safety Notice
The SSD Series Digital Current Sensor
must be used in a manner specified by
this data sheet, otherwise the protection
provided by the equipment may be
impaired. The SSD Series should
not be treated as a structural part of
the installation and must be properly
supported on both ends.
How to Order
SSD - 100A - R - T
Model
Amps
100A = 100 A
250A = 250 A
500A = 500 A
Interface
R = RS-485, MODBUS
Option
Blank = Standard
-T = Internal 120 Ω Termination Resistor


Similar Part No. - SSD-250A-R-T

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SSD-250A-C-T BOURNS-SSD-250A-C-T Datasheet
1Mb / 35P
SSD Series – Riedon™ Digital Current Sensor with CANbus Interface by Bourns
05/25
More results

Similar Description - SSD-250A-R-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
Digital Temperature Sensor with I2C Interface
logo
List of Unclassifed Man...
IL485W ETC-IL485W Datasheet
176Kb / 4P
Isolated RS485 Interface with Handshake
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
Digital Temperature Sensor with SPI??Interface
2002
logo
RHOPOINT COMPONENTS
IL485W RHOPOINT-IL485W Datasheet
168Kb / 9P
Isolated RS485 Interface With Handshake
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Texas Instruments
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
logo
List of Unclassifed Man...
88980120 ETC2-88980120 Datasheet
709Kb / 2P
RS485 Modbus slave interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com