Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD-250A-R-T Datasheet(PDF) 16 Page - Bourns Electronic Solutions

Part # SSD-250A-R-T
Description  SSD SeriesRiedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SSD-250A-R-T Datasheet(HTML) 16 Page - Bourns Electronic Solutions

Back Button SSD-250A-R-T Datasheet HTML 12Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 13Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 14Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 15Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 16Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 17Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 18Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 19Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 20Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
SSD Interface Manual (continued)
NOTE: No settings are saved until a save settings to EEPROM command is issued!
Power cycling will restore previous settings. See RESET command :1RS0F<cr>
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
GB / SB GET / SET BAUD RATE
Used to set the SSD Baud Rate. Values other than the following are ignored.
Value
Baud Rate (bit/s)
0
9600
1
14400
2
19200 (default)
3
38400
4
57600
5
115200
6
230400
7
460800
8
921600
Notes: Baud rate is changed immediately. Connect using new baud rate and use RESET COMMAND (RS0F) to save current settings
to EEPROM. If unable to connect, reboot to restore the previous setting.
Value is an unsigned Int16. BAUD RATE default is: 2
Example: To set Baud Rate to 115200 bps
WRITE
READ
Send:
:1SB5<cr>
Send:
:1GBcr>
Receive: (none)
Receive: 5<cr>
GD / SD GET / SET READING DELAY
Used to set the delay between readings automatically sent via RS485 (Not available with MODBUS). Autosend must be enabled (see
SET MODE bit8). Note: If the Conversion Time is greater than the reading delay, the shunt will send the same value until the next set
of readings is available. For readings faster than 5 ms use SET MODE Bit7 Send on Conversion. This will send the data as soon as
it’s available. Valid Range: 5 ms to 60000 ms.
Value is an unsigned Int16. READING DELAY default is: 1000 ms
Example: To set Reading Delay to 100 ms
WRITE
READ
Send:
:1SD100<cr>
Send:
:1GDcr>
Receive: (none)
Receive: 100<cr>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com