Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525ASETRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4525ASETRT
Description  28V 3A Step-Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525ASETRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4525ASETRT Datasheet HTML 3Page - Semtech Corporation SC4525ASETRT Datasheet HTML 4Page - Semtech Corporation SC4525ASETRT Datasheet HTML 5Page - Semtech Corporation SC4525ASETRT Datasheet HTML 6Page - Semtech Corporation SC4525ASETRT Datasheet HTML 7Page - Semtech Corporation SC4525ASETRT Datasheet HTML 8Page - Semtech Corporation SC4525ASETRT Datasheet HTML 9Page - Semtech Corporation SC4525ASETRT Datasheet HTML 10Page - Semtech Corporation SC4525ASETRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SC4525A
7
Typical Characteristics
(1)12Vin Eff
Efficiency
40
45
50
55
60
65
70
75
80
85
90
0
0.5
1
1.5
2
2.5
3
Load Current (A)
SC4525A
VIN=12V
1MHz
VO=5V
VO=3.3V
VO=2.5V
VO=1.5V
(7) Vcesat
Switch Saturation Voltage
vs Switch Current
50
100
150
200
250
300
350
400
450
500
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
Switch Current (A)
SS270 REV 6-7
-40oC
125oC
25oC
(4)
Frequency Setting Resistor
vs Frequency
1
10
100
1000
0
0.5
1
1.5
2
2.5
Frequency (MHz)
SS270 REV 6-7
VIN =12V
(3)
Feedback Voltage vs Temperature
0.97
0.98
0.99
1.00
1.01
1.02
-50 -25
0
25
50
75 100 125
Temperature (oC)
SS270 REV 6-7
VIN =12V
(9) BST Pin current
BST Pin Current vs Switch Current
0.0
25.0
50.0
75.0
100.0
0 0.5 1 1.5 2 2.5 3 3.5 4
Switch Current (A)
-40oC
125oC
VIN =12V
VBST-SW =5V
(6)
Foldback Frequency vs VFB
0
0.25
0.5
0.75
1
1.25
0.0
0.2
0.4
0.6
0.8
1.0
VFB (V)
TA =25oC
ROSC=12.1k
ROSC=93.1k
(2) 24Vin Eff
Efficiency
40
45
50
55
60
65
70
75
80
85
90
0
0.5
1
1.5
2
2.5
3
Load Current (A)
SC4525A
VIN=24V
1MHz
VO=5V
VO=3.3V
VO=2.5V
(8) OCP current
Switch Current Limit vs Temperature
4.0
4.2
4.4
4.6
4.8
5.0
-50 -25
0
25
50
75 100 125
Temperature (oC)
SS270 REV 6-7
(5)
Frequency vs Temperature
0.8
0.9
1.0
1.1
1.2
-50 -25
0
25
50
75 100 125
Temperature (oC)
SS270 REV 6-7
ROSC=12.1k
ROSC=93.1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com