Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525ASETRT Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC4525ASETRT
Description  28V 3A Step-Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525ASETRT Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC4525ASETRT Datasheet HTML 11Page - Semtech Corporation SC4525ASETRT Datasheet HTML 12Page - Semtech Corporation SC4525ASETRT Datasheet HTML 13Page - Semtech Corporation SC4525ASETRT Datasheet HTML 14Page - Semtech Corporation SC4525ASETRT Datasheet HTML 15Page - Semtech Corporation SC4525ASETRT Datasheet HTML 16Page - Semtech Corporation SC4525ASETRT Datasheet HTML 17Page - Semtech Corporation SC4525ASETRT Datasheet HTML 18Page - Semtech Corporation SC4525ASETRT Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Recommended Component Parameters in Typical Applications
Table 5 lists the recommended inductance (L
) and compensation network (R7, C5, C8) for common input and output
voltages. The inductance is determined by assuming that the ripple current is 35% of load current I
O. The compensator
parameters are calculated by assuming a 47mF low ESR ceramic output capacitor and a loop gain crossover frequency
of F
SW/0.
Table 5. Recommended inductance (L
1) and compensator (R7, C5, C8)
Vin(V)
Vo(V)
Io(A)
Fsw(kHz)
C2(uF)
L1(uH)
R7(k)
C5(nF)
C8(pF)
1.5
500
3.3
10
2.2
500
4.7
16.2
2.2
1000
2.2
29.4
0.47
500
6.8
23.2
2.2
1000
3.3
39.2
0.47
500
6.8
29.4
2.2
1000
3.3
69.8
0.47
500
6.8
43.2
2.2
1000
3.3
90.9
0.47
500
3.3
69.8
2.2
1000
2.2
133
0.47
1.5
300
6.8
6.81
2.2
500
6.8
12.4
2.2
1000
2.2
29.4
0.47
500
6.8
23.2
2.2
1000
3.3
43.2
0.47
500
8.2
29.4
2.2
1000
4.7
59
0.47
500
10
49.9
2.2
1000
4.7
100
0.47
500
15
59
2.2
1000
6.8
133
0.47
10
10
2.5
3.3
5
7.5
10
2.5
3.3
5
Typical Applications
Recommended Parameters
12
24
3
3
47
47
7.5
10
SC4525A
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com