Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525ASETRT Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC4525ASETRT
Description  28V 3A Step-Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525ASETRT Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC4525ASETRT Datasheet HTML 11Page - Semtech Corporation SC4525ASETRT Datasheet HTML 12Page - Semtech Corporation SC4525ASETRT Datasheet HTML 13Page - Semtech Corporation SC4525ASETRT Datasheet HTML 14Page - Semtech Corporation SC4525ASETRT Datasheet HTML 15Page - Semtech Corporation SC4525ASETRT Datasheet HTML 16Page - Semtech Corporation SC4525ASETRT Datasheet HTML 17Page - Semtech Corporation SC4525ASETRT Datasheet HTML 18Page - Semtech Corporation SC4525ASETRT Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Typical Application Schematics
SC4525A
GND
IN
SW
BST
L1
6.8mH
C1
0.33mF
SS/EN
COMP
FB
D2
B330A
66.5k
R6
33.2k
10nF
C8
22pF
C5
2.2nF
L1: Coiltronics DR74-6R8
OUT
1.5V/3A
D1
1N4148
24V
ROSC
C2: Murata GRM31CR60J476M
C4
4.7mF
C4: Murata GRM32ER71H475K
VIN
C2
47mF
C7
R4
90.9k
R5
6.81k
R7
EVB#d: 300kHz 24V to 1.5V/3A Step-Down Converter
D3
18V Zener
Figure 10. 300kHz 24V to 1.5V/3A Step-down Converter
SC4525A
GND
IN
SW
BST
L1
3.3mH
C1
0.1mF
SS/EN
COMP
FB
D2
B330A
14.3k
R6
33.2k
10nF
C8
10pF
C5
0.47nF
L1: Coiltronics DR74-3R3
OUT
3.3V/3A
D1
1N4148
10V – 26V
ROSC
C2: Murata GRM31CR60J476M
C4
4.7mF
C4: Murata GRM32ER71H475K
VIN
C2
47mF
C7
R4
18.2k
R5
43.2k
R7
1MHz 10V-26V to 3.3V/3A Step-Down Converter
Figure 11. 1MHz 10V-26V to 3.3V/3A Step-down Converter
SC4525A
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com