Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3486MX/NOPB.B Datasheet(PDF) 2 Page - Texas Instruments

Part # DS3486MX/NOPB.B
Description  DS3486 Quad RS-422, RS-423 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS3486MX/NOPB.B Datasheet(HTML) 2 Page - Texas Instruments

  DS3486MX/NOPB.B Datasheet HTML 1Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 2Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 3Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 4Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 5Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 6Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 7Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 8Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DS3486
SNLS354D – MAY 1998 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Power Supply Voltage, VCC
8V
Input Common-Mode Voltage, VICM
±25V
Input Differential Voltage, VID
±25V
TRI-STATE Control Input Voltage, VI
8V
Output Sink Current, IO
50 mA
Storage Temperature, TSTG
−65°C to +150°C
Maximum Power Dissipation (3) at 25°C
Molded PDIP Package
1362 mW
SOIC Package
1002 mW
SOIC Package Thermal Resistance
θJA
+124.5°C/W
θJC
+41.2°C/W
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be ensured. They are not meant to imply
that the devices should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device
operation.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Derate PDIP molded package 10.2 mW/°C above 25°C. Derate SOIC package 8.01 mW/°C above 25°C.
Operating Conditions
Max
Min
Units
Power Supply Voltage, VCC
4.75
5.25
V
Operating Temperature, TA
0
70
°C
Input Common-Mode Voltage
−7.0
7.0
V
Range, VICR
Electrical Characteristics
(1)
(Unless otherwise noted, minimum and maximum limits apply over recommended temperature and power supply voltage
ranges. Typical values are for TA = 25°C, VCC = 5V and VIC = 0V.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Input Voltage—High Logic State
2.0
V
(TRI-STATE Control)
VIL
Input Voltage—Low Logic State
0.8
V
(TRI-STATE Control)
VTH(D)
Differential Input Threshold Voltage
−7V ≤ VIC ≤ 7V, VIH TRI-STATE = 2V
0.070
0.2
V
IO = −0.4 mA, VOH ≥ 2.7V
IO = 8 mA, VOL ≥ 0.5V
0.070
−0.2
V
IIB (D)
Input Bias Current
VCC = 0V or 5.25V, Other Inputs at 0V
VI = −10V
−3.25
mA
VI = −3V
−1.50
mA
VI = 3V
1.50
mA
VI = 10V
3.25
mA
Input Balance
−7V ≤ VIC ≤ 7V, VIH(3C) = 2V,
(2)
VOH
IO = −0.4 mA, VID = 0.4V
2.7
V
VOL
IO = 8 mA, VID = −0.4V
0.5
V
(1)
All currents into device pins are shown as positive, out of device pins are negative. All voltages referenced to ground unless otherwise
noted.
(2)
Refer to EIA RS-422/3 for exact conditions.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS3486



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com