Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3486MX/NOPB.B Datasheet(PDF) 4 Page - Texas Instruments

Part # DS3486MX/NOPB.B
Description  DS3486 Quad RS-422, RS-423 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS3486MX/NOPB.B Datasheet(HTML) 4 Page - Texas Instruments

  DS3486MX/NOPB.B Datasheet HTML 1Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 2Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 3Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 4Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 5Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 6Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 7Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 8Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DS3486
SNLS354D – MAY 1998 – REVISED APRIL 2013
www.ti.com
Input pulse characteristics:
tTLH = tTHL = 6 ns (10% to 90%)
PRR = 1 MHz, 50% duty cycle
Figure 2. Propagation Delay Differential Input to Output
1.5V for tPHZ and tPLZ
1.5V for tPLZ and tPZL
Input pulse characteristics:
tTLH = tTHL = 6 ns (10% to 90%)
PRR = 1 MHz, 50% duty cycle
tPLZ
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS3486



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com