Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3486MX/NOPB.B Datasheet(PDF) 3 Page - Texas Instruments

Part # DS3486MX/NOPB.B
Description  DS3486 Quad RS-422, RS-423 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS3486MX/NOPB.B Datasheet(HTML) 3 Page - Texas Instruments

  DS3486MX/NOPB.B Datasheet HTML 1Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 2Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 3Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 4Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 5Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 6Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 7Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 8Page - Texas Instruments DS3486MX/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DS3486
www.ti.com
SNLS354D – MAY 1998 – REVISED APRIL 2013
Electrical Characteristics
(1) (continued)
(Unless otherwise noted, minimum and maximum limits apply over recommended temperature and power supply voltage
ranges. Typical values are for TA = 25°C, VCC = 5V and VIC = 0V.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IOZ
Output TRI-STATE Leakage Current
VI(D) = 3V, VIL = 0.8V, VOL = 0.5V
−40
μA
VI(D) = −3V, VIL = 0.8V, VOH = 2.7V
40
μA
IOS
Output Short-Circuit Current
VI(D) = 3V, VIHTRI-STATE = 2V,
−15
−100
mA
VO = 0V,
(3)
IIL
Input Current—Low Logic State
VIL = 0.5V
−100
μA
(TRI-STATE Control)
IIH
Input Current—High Logic State
VIH = 2.7V
20
μA
(TRI-STATE Control)
VIH = 5.25V
100
μA
VIC
Input Clamp Diode Voltage
IIN = −10 mA
−1.5
V
(TRI-STATE Control)
ICC
Power Supply Current
All Inputs VIL = 0V
85
mA
(3)
Only one output at a time should be shorted.
Switching Characteristics
(Unless otherwise noted, VCC = 5V and TA = 25°C.)
Symbol
Parameter
Min
Typ
Max
Units
tPHL(D)
Propagation Delay Time—Differential Inputs to Output
19
35
ns
Output High to Low
tPLH(D)
Output Low to High
19
30
ns
tPLZ
TRI-STATE Control to Output
23
35
ns
Output Low to TRI-STATE
tPHZ
Output High to TRI-STATE
25
35
ns
tPZH
Output TRI-STATE to High
18
30
ns
tPZL
Output TRI-STATE to Low
20
30
ns
AC TEST CIRCUIT AND SWITCHING TIME WAVEFORMS
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS3486



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com