Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA152EA/2K5 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA152EA/2K5
Description  Single-Supply DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA152EA/2K5 Datasheet(HTML) 4 Page - Texas Instruments

  INA152EA/2K5 Datasheet HTML 1Page - Texas Instruments INA152EA/2K5 Datasheet HTML 2Page - Texas Instruments INA152EA/2K5 Datasheet HTML 3Page - Texas Instruments INA152EA/2K5 Datasheet HTML 4Page - Texas Instruments INA152EA/2K5 Datasheet HTML 5Page - Texas Instruments INA152EA/2K5 Datasheet HTML 6Page - Texas Instruments INA152EA/2K5 Datasheet HTML 7Page - Texas Instruments INA152EA/2K5 Datasheet HTML 8Page - Texas Instruments INA152EA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
INA152
4
SBOS184
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±10V, RL = 10kΩ connected to GND, and Ref = GND, unless otherwise noted.
GAIN vs FREQUENCY
20
0
–20
–40
–60
–80
Frequency (Hz)
10k
100k
1M
10M
C
L = 500pF
COMMON-MODE REJECTION vs FREQUENCY
100
80
60
40
20
Frequency (Hz)
100
1k
10k
100k
1M
V
S = ±10V or ±2.5V
POWER-SUPPLY REJECTION vs FREQUENCY
120
100
80
60
40
20
0
Frequency (Hz)
10
100
1k
10k
100k
1M
+PSRR
–PSRR
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
25
20
15
10
5
0
Frequency (Hz)
100
1k
10k
100k
1M
QUIESCENT CURRENT vs TEMPERATURE
700
600
500
400
300
200
100
0
Temperature (
°C)
–75
125
–50
–25
0
25
50
75
100
V
S = ±10V
V
S = ±2.5V
SHORT-CIRCUIT CURRENT vs TEMPERATURE
10
5
0
–5
–10
–15
–20
–25
Temperature (
°C)
–60
120
–40
–20
0
20
40
60
80
100
V
S = ±10V
V
S = ±2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com