Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA152EA/2K5 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA152EA/2K5
Description  Single-Supply DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA152EA/2K5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA152EA/2K5 Datasheet HTML 6Page - Texas Instruments INA152EA/2K5 Datasheet HTML 7Page - Texas Instruments INA152EA/2K5 Datasheet HTML 8Page - Texas Instruments INA152EA/2K5 Datasheet HTML 9Page - Texas Instruments INA152EA/2K5 Datasheet HTML 10Page - Texas Instruments INA152EA/2K5 Datasheet HTML 11Page - Texas Instruments INA152EA/2K5 Datasheet HTML 12Page - Texas Instruments INA152EA/2K5 Datasheet HTML 13Page - Texas Instruments INA152EA/2K5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
INA152
10
SBOS184
FIGURE 7. Precision Gain = 2 Amplifier.
FIGURE 10. Precision Summing Amplifier.
FIGURE 12. Precision Summing Amplifier with Gain.
V
1
5
6
1
3
V
O = 2 • V1
INA152
2
V
O = V1 + V3
V
1
5
6
1
3
INA152
2
V
3
V
1
6
1
3
V
O
INA152
V
3
25
R
1
R
2
V
O =
1 +
R
2
R
1
V
1 + V3
2
(
)(
)
FIGURE 9. Precision Average Value Amplifier.
(V
1 + V3)
2
V
O =
V
1
5
6
1
3
2
INA152
V
3
FIGURE 8. Precision Gain = 1/2 Amplifier.
V
3
5
6
3
2
INA152
1
V
O =
V
3
2
FIGURE 11.
±5V Precision Voltage Reference.
5
6
1
3
INA152
2
4
2
+10V
6
–5V Out
+5V Out
REF02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com