Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA152EA/2K5 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA152EA/2K5
Description  Single-Supply DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA152EA/2K5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA152EA/2K5 Datasheet HTML 5Page - Texas Instruments INA152EA/2K5 Datasheet HTML 6Page - Texas Instruments INA152EA/2K5 Datasheet HTML 7Page - Texas Instruments INA152EA/2K5 Datasheet HTML 8Page - Texas Instruments INA152EA/2K5 Datasheet HTML 9Page - Texas Instruments INA152EA/2K5 Datasheet HTML 10Page - Texas Instruments INA152EA/2K5 Datasheet HTML 11Page - Texas Instruments INA152EA/2K5 Datasheet HTML 12Page - Texas Instruments INA152EA/2K5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
INA152
9
SBOS184
TYPICAL APPLICATIONS
FIGURE 3. Precision Instrumentation Amplifier.
The INA152 can be combined with op amps to form a complete Instrumen-
tation Amplifier (IA) with specialized performance characteristics. Texas
Instruments offers many complete high performance IAs. Products with
related performances are shown at the right in the table below.
FIGURE 4. Current Receiver with Compliance to Rails.
FIGURE 5. Pseudoground Generator.
FIGURE 6. Precision Unity-Gain Inverting Amplifier.
5
6
1
3
INA152
2
V
1
–In
V
O
A
2
A
1
R
2
R
2
R
1
V
2
+In
V
O = (1 + 2R2/R1) (V2 – V1)
100
Ω(1)
1%
V–
5
6
3
INA152
2
100
Ω(1)
1%
1
V
0
0 to 2V
I
IN
0 to 20mA
NOTE: (1) Input series resistors should be less than
250
Ω (1% max mismatch) to maintain excellent CMR.
With 100
Ω resistors, gain error is increased to 0.5%.
5
6
2
V
O = (V+)/2
INA152
V+
1
7
4
V+
Common
Common
3
5
6
V
O = –V2
INA152
2
V
2
13
SIMILAR COMPLETE
A1, A2
FEATURE
TEXAS INSTRUMENTS IA
OPA2227
Low Noise
INA163
OPA129
Ultra Low Bias Current (fA)
INA116
OPA2277
Low Offset Drift, Low Noise
INA114, INA128
OPA2130
Low Power, FET-Input (pA)
INA121
OPA2234
Single Supply, Precision, Low Power
INA122, INA118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com