Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4541BCM Datasheet(PDF) 2 Page - SYC Electronica

Part # CD4541BCM
Description  Programmable Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4541BCM Datasheet(HTML) 2 Page - SYC Electronica

  CD4541BCM Datasheet HTML 1Page - SYC Electronica CD4541BCM Datasheet HTML 2Page - SYC Electronica CD4541BCM Datasheet HTML 3Page - SYC Electronica CD4541BCM Datasheet HTML 4Page - SYC Electronica CD4541BCM Datasheet HTML 5Page - SYC Electronica CD4541BCM Datasheet HTML 6Page - SYC Electronica CD4541BCM Datasheet HTML 7Page - SYC Electronica CD4541BCM Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Truth Table
Division Ratio Table
Operating Characteristics
With Auto Reset pin set to a “0” the counter circuit is initial-
ized by turning on power. Or with power already on, the
counter circuit is reset when the Master Reset pin is set to
a “1”. Both types of reset will result in synchronously reset-
ting all counter stages independent of counter state.
The RC oscillator frequency is determined by the external
RC network, i.e.:
and RS ≈ 2 Rtc where RS ≥ 10 kΩ
The time select inputs (A and B) provide a two-bit address
to output any one of four counter stages (28, 210, 213, and
216). The 2n counts as shown in the Division Ratio Table
represent the Q output of the Nth stage of the counter.
When A is “1”, 216 is selected for both states of B.
However, when B is “0”, normal counting is interrupted and
the 9th counter stage receives its clock directly from the
oscillator (i.e., effectively outputting 28).
The Q/Q select output control pin provides for a choice of
output level. When the counter is in a reset condition and
Q/Q select pin is set to a “0” the Q output is a “0”. Corre-
spondingly, when Q/Q select pin is set to a “1” the Q output
is a “1”.
When the mode control pin is set to a “1”, the selected
count is continually transmitted to the output. But, with
mode pin “0” and after a reset condition the RS flip-flop
resets (see Logic Diagram), counting commences and after
2n−1 counts the RS flip-flop sets which causes the output to
change state. Hence, after another 2n−1 counts the output
will not change. Thus, a Master Reset pulse must be
applied or a change in the mode pin level is required to
reset the single cycle operation.
Typical RC Oscillator
Characteristics
Solid Line
= R
TC = 56 kΩ, RS = 1 kΩ and C = 1000 pF
f
= 10.2 kHz @ V
DD = 10V and TA = 25°
Dashed Line
= R
TC = 56 kΩ, RS = 120 kΩ and C = 1000 pF
f
= 7.75 kHz @ V
DD = 10V and TA = 25°
RC Oscillator Frequency as a
Function of RTC and C
Line A: f as a function of C and (RTC = 56 kΩ; RS = 120k
Line B: f as a function of RTC and (C = 100 pF; RS = 2 RTC
Pin
State
01
5
Auto Reset Operating
Auto Reset Disabled
6
Timer Operational
Master Reset On
9
Output Initially Low
Output Initially High
after Reset
after Reset
10
Single Cycle Mode
Recycle Mode
Number of
Count
A
B
Counter Stages
2n
n
0
0
13
8192
0
1
10
1024
10
8
256
1
1
16
65536
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com