Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4541BCM Datasheet(PDF) 5 Page - SYC Electronica

Part # CD4541BCM
Description  Programmable Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4541BCM Datasheet(HTML) 5 Page - SYC Electronica

  CD4541BCM Datasheet HTML 1Page - SYC Electronica CD4541BCM Datasheet HTML 2Page - SYC Electronica CD4541BCM Datasheet HTML 3Page - SYC Electronica CD4541BCM Datasheet HTML 4Page - SYC Electronica CD4541BCM Datasheet HTML 5Page - SYC Electronica CD4541BCM Datasheet HTML 6Page - SYC Electronica CD4541BCM Datasheet HTML 7Page - SYC Electronica CD4541BCM Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC Electrical Characteristics (Note 4)
TA = 25°C, CL = 50 pF (refer to test circuits)
Note 4: AC Parameters are guaranteed by DC correlated testing.
Note 5: CPD determines the no load AC power consumption of any CMOS device. For complete explanation, see Family Characteristics application note:
AN-90.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tTLH
Output Rise Time
VDD = 5V
50
200
ns
VDD = 10V
30
100
VDD = 15V
25
80
tTHL
Output Fall Time
VDD = 5V
50
200
ns
VDD = 10V
30
100
VDD = 15V
25
80
tPLH, tPHL
Turn-Off, Turn-On Propagation Delay,
VDD = 5V
1.8
4.0
µs
Clock to Q (28 Output)
VDD = 10V
0.6
1.5
VDD = 15V
0.4
1.0
tPHL, tPLH
Turn-On, Turn-Off Propagation Delay,
VDD = 5V
3.2
8.0
µs
Clock to Q (216 Output)
VDD = 10V
1.5
3.0
VDD = 15V
1.0
2.0
tWH(CL)
Clock Pulse Width
VDD = 5V
400
200
ns
VDD = 10V
200
100
VDD = 15V
150
70
fCL
Clock Pulse Frequency
VDD = 5V
2.5
1.0
MHz
VDD = 10V
6.0
3.0
VDD = 15V
8.5
4.0
tWH(R)
MR Pulse Width
VDD = 5V
400
170
ns
VDD = 10V
200
75
VDD = 15V
150
50
CI
Average Input Capacitance
Any Input
5.0
7.5
pF
CPD
Power Dissipation Capacitance (Note 5)
100
pF
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com