Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4541BCM Datasheet(PDF) 1 Page - SYC Electronica

Part # CD4541BCM
Description  Programmable Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4541BCM Datasheet(HTML) 1 Page - SYC Electronica

  CD4541BCM Datasheet HTML 1Page - SYC Electronica CD4541BCM Datasheet HTML 2Page - SYC Electronica CD4541BCM Datasheet HTML 3Page - SYC Electronica CD4541BCM Datasheet HTML 4Page - SYC Electronica CD4541BCM Datasheet HTML 5Page - SYC Electronica CD4541BCM Datasheet HTML 6Page - SYC Electronica CD4541BCM Datasheet HTML 7Page - SYC Electronica CD4541BCM Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CD4541
Programmable Timer
General Description
The CD4541BC Programmable Timer is designed with a
16-stage binary counter, an integrated oscillator for use
with an external capacitor and two resistors, output control
logic, and a special power-on reset circuit. The special fea-
tures of the power-on reset circuit are first, no additional
static power consumption and second, the part functions
across the full voltage range (3V–15V) whether power-on
reset is enabled or disabled.
Timing and the counter are initialized by turning on power,
if the power-on reset is enabled. When the power is
already on, an external reset pulse will also initialize the
timing and counter. After either reset is accomplished, the
oscillator frequency is determined by the external RC net-
work. The 16-stage counter divides the oscillator frequency
by any of 4 digitally controlled division ratios.
Features
s Available division ratios 28, 210, 213, or 216
s Increments on positive edge clock transitions
s Built-in low power RC oscillator (
±2% accuracy over
temperature range and
±10% supply and ±3% over pro-
cessing @
< 10 kHz)
s Oscillator frequency range
≈ DC to 100 kHz
s Oscillator may be bypassed if external clock is available
(apply external clock to pin 3)
s Automatic reset initializes all counters when power turns
on
s External master reset totally independent of automatic
reset operation
s Operates at 2n frequency divider or single transition
timer
s Q/Q select provides output logic level flexibility
s Reset (auto or master) disables oscillator during reset-
ting to provide no active power dissipation
s Clock conditioning circuit permits operation with very
slow clock rise and fall times
s Wide supply voltage range—3.0V to 15V
s High noise immunity—0.45 VDD (typ.)
s 5V–10V–15V parameter ratings
s Symmetrical output characteristics
s Maximum input leakage 1
µA at 15V over full tempera-
ture range
s High output drive (pin 8) min. one TTL load
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
N.C.—Not connected
Top View
Order Number
Package Number
Package Description
CD4541BCM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
CD4541BCN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
www.sycelectronica.com.ar


Similar Part No. - CD4541BCM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4541BCM FAIRCHILD-CD4541BCM Datasheet
77Kb / 8P
Programmable Timer
CD4541BCM FAIRCHILD-CD4541BCM Datasheet
86Kb / 8P
Programmable Timer
More results

Similar Description - CD4541BCM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
Programmable Timer
logo
National Semiconductor ...
CD4541BC NSC-CD4541BC Datasheet
137Kb / 6P
Programmable Timer
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
Programmable Timer
April, 2006 ??Rev. 9
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
Programmable Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
PROGRAMMABLE TIMER
logo
SELEC Controls Pvt. Ltd
XT520 SELEC-XT520 Datasheet
134Kb / 2P
PROGRAMMABLE TIMER
XT532 SELEC-XT532 Datasheet
135Kb / 2P
PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com