Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1821
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1821 Datasheet HTML 3Page - Linear Technology LTC1821 Datasheet HTML 4Page - Linear Technology LTC1821 Datasheet HTML 5Page - Linear Technology LTC1821 Datasheet HTML 6Page - Linear Technology LTC1821 Datasheet HTML 7Page - Linear Technology LTC1821 Datasheet HTML 8Page - Linear Technology LTC1821 Datasheet HTML 9Page - Linear Technology LTC1821 Datasheet HTML 10Page - Linear Technology LTC1821 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2753
7
2753f
VREF (V)
–10 –8
0
4
4
–6
2
2
6
8
10
2751 G09
VDD = 5V
±5V RANGE
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
–0.6
0.6
0.8
0.2
+DNL
–DNL
+DNL
–DNL
CODE
0
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
16384
32768
–0.6
0.6
0.8
0.2
49152
65535
2753 G01
VDD = 5V
VREF = 5V
±10V RANGE
CODE
0
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
16384
32768
–0.6
0.6
0.8
0.2
49152
65535
2753 G02
VDD = 5V
VREF = 5V
±10V RANGE
TEMPERATURE (°C)
–40
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
–20
20
0
40
–0.6
0.6
0.8
0.2
60
80
2753 G04
VDD = 5V
VREF = 5V
±10V RANGE
+INL
–INL
TEMPERATURE (°C)
–40
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
–20
20
0
40
–0.6
0.6
0.8
0.2
60
80
2753 G05
VDD = 5V
VREF = 5V
±10V RANGE
+DNL
–DNL
TEMPERATURE (°C)
–40
8
4
2
0
4
–20
20
0
40
6
6
8
2
60
80
2753 G06
VDD = 5V
VREF = 5V
±10V RANGE
0.5ppm/°C (TYP)
TEMPERATURE (°C)
–40
–16
–8
–4
0
8
–20
20
0
40
–12
12
16
4
60
80
2753 G07
VDD = 5V
VREF = 5V
±10V RANGE
0.6ppm/°C (TYP)
VREF (V)
–10 –8
0
4
4
–6
2
2
6
8
10
2753 G08
VDD = 5V
±5V RANGE
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
–0.6
0.6
0.8
0.2
+INL
–INL
+INL
–INL
INL vs Temperature
DNL vs Temperature
Bipolar Zero vs Temperature
Gain Error vs Temperature
INL vs VREF
DNL vs VREF
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
LTC2753-16
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com