Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1821
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 4 Page - Linear Technology

  LTC1821 Datasheet HTML 1Page - Linear Technology LTC1821 Datasheet HTML 2Page - Linear Technology LTC1821 Datasheet HTML 3Page - Linear Technology LTC1821 Datasheet HTML 4Page - Linear Technology LTC1821 Datasheet HTML 5Page - Linear Technology LTC1821 Datasheet HTML 6Page - Linear Technology LTC1821 Datasheet HTML 7Page - Linear Technology LTC1821 Datasheet HTML 8Page - Linear Technology LTC1821 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC2753
4
2753f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VDD
Supply Voltage
●
2.7
5.5
V
IDD
Supply Current, VDD
Digital Inputs = 0V or VDD
●
0.5
1
μA
Digital Inputs
VIH
Digital Input High Voltage
3.3V ≤ VDD ≤ 5.5V
2.7V ≤ VDD < 3.3V
●
●
2.4
2
V
V
VIL
Digital Input Low Voltage
4.5V < VDD ≤ 5.5V
2.7V ≤ VDD ≤ 4.5V
●
●
0.8
0.6
V
V
IIN
Digital Input Current
VIN = GND to VDD
●
±1
μA
CIN
Digital Input Capacitance
VIN = 0V (Note 10)
●
6pF
Digital Outputs
VOH
IOH = 200μA
●
VDD – 0.4
V
VOL
IOL = 200μA
●
0.4
V
TIMING CHARACTERISTICS The ● denotes specifications that apply over the full operating temperature range,
otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD = 4.5V to 5.5V
Write and Update Timing
t1
I/O Valid to WR Rising Edge Set-Up
●
7ns
t2
I/O Valid to WR Rising Edge Hold
●
7ns
t3
WR Pulse Width Low
●
15
ns
t4
UPD Pulse Width High
●
15
ns
t5
UPD Falling Edge to WR Falling Edge
No Data Shoot-Through
●
0ns
t6
WR Rising Edge to UPD Rising Edge
(Note 10)
●
0ns
t7
D/S Valid to WR Falling Edge Set-Up Time
●
7ns
t8
WR Rising Edge to D/S Valid Hold Time
●
7ns
t9
A1-A0 Valid to WR Falling Edge Setup Time
●
5ns
t10
WR Rising Edge to A1-A0 Valid Hold Time
●
0ns
t11
A1-A0 Valid to UPD Rising Edge Setup Time
●
9ns
t12
UPD Falling Edge to A1-A0 Valid Hold Time
●
7ns
Readback Timing
t13
WR Rising Edge to READ Rising Edge
●
7ns
t14
READ Falling Edge to WR Falling Edge
(Note 10)
●
20
ns
t15
READ Rising Edge to I/O Propagation Delay
CL = 10pF
●
40
ns
t26
A1-A0 Valid to READ Rising Edge Setup Time
●
20
ns
t27
READ Falling to A1-A0 Valid Hold Time
(Note 10)
●
0ns
ELECTRICAL CHARACTERISTICS V
DD = 5V, VREF = 5V unless otherwise specified. The ● denotes the
specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com