Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1821 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1821
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1821 Datasheet HTML 14Page - Linear Technology LTC1821 Datasheet HTML 15Page - Linear Technology LTC1821 Datasheet HTML 16Page - Linear Technology LTC1821 Datasheet HTML 17Page - Linear Technology LTC1821 Datasheet HTML 18Page - Linear Technology LTC1821 Datasheet HTML 19Page - Linear Technology LTC1821 Datasheet HTML 20Page - Linear Technology LTC1821 Datasheet HTML 21Page - Linear Technology LTC1821 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC2753
18
2753f
Op Amp Selection
Because of the extremely high accuracy of the 16-bit
LTC2753-16, careful thought should be given to op amp
selection in order to achieve the exceptional performance
of which the part is capable. Fortunately, the sensitivity of
INL and DNL to op amp offset has been greatly reduced
compared to previous generations of multiplying DACs.
Tables 4 and 5 contain equations for evaluating the effects
of op amp parameters on the LTC2753’s accuracy when
APPLICATIONS INFORMATION
programmed in a unipolar or bipolar output range. These
are the changes the op amp can cause to the INL, DNL,
unipolar offset, unipolar gain error, bipolar zero and bipolar
gain error. Tables 4 and 5 can also be used to determine
the effects of op amp parameters on the LTC2753-14
and the LTC2753-12. However, the results obtained from
Tables 4 and 5 are in 16-bit LSBs. Divide these results
by 4 (LTC2753-14) and 16 (LTC2753-12) to obtain the
correct LSB sizing.
Table 6 contains a partial list of LTC precision op amps
recommended for use with the LTC2753. The easy-to-use
design equations simplify the selection of op amps to meet
the system’s specified error budget. Select the amplifier
from Table 6 and insert the specified op amp parameters
in Table 5. Add up all the errors for each category to de-
termine the effect the op amp has on the accuracy of the
part. Arithmetic summation gives an (unlikely) worst-case
effect. A root-sum-square (RMS) summation produces a
more realistic estimate.
()
5V
VREF
()
5V
VREF
()
16.5k
AVOL1
OP AMP
VOS1 (mV)
IB1 (nA)
AVOL1 (V/V)
VOS2 (mV)
IB2 (mV)
AVOL2 (V/V)
VOS1 • 3.2 •
IB1 • 0.0003 • 
A1 •
0
0
0
INL (LSB)
()
5V
VREF
()
5V
VREF
()
1.5k
AVOL1
()
66k
AVOL2
()
131k
AVOL1
()
131k
AVOL1
()
131k
AVOL2
()
131k
AVOL2
VOS1 • 0.82 •
IB1 • 0.00008 • 
A2 •
0
0
0
DNL (LSB)
()
5V
VREF
()
5V
VREF
A3 • VOS1 • 13.2 •
IB1 • 0.13 • 
0
0
0
0
UNIPOLAR
OFFSET (LSB)
()
5V
VREF
()
5V
VREF
()
5V
VREF
VOS1 • 13.2 •
IB1 • 0.0018 •
A5 •
VOS2 • 26.2 •
IB2 • 0.26 •
BIPOLAR GAIN
ERROR (LSB)
()
5V
VREF
()
5V
VREF
()
()
()
5V
VREF
()
5V
VREF
A3 • VOS1 • 19.8 •
IB1 • 0.13 • 
0
A4 • VOS2 • 13.1 •
A4 • IB2 • 0.13 • 
A4 •
BIPOLAR ZERO
ERROR (LSB)
UNIPOLAR GAIN
ERROR (LSB)
()
5V
VREF
()
5V
VREF
()
5V
VREF
()
5V
VREF
()
5V
VREF
VOS1 • 13.2 •
IB1 • 0.0018 •
A5 •
VOS2 • 26.2 •
IB2 • 0.26 •
Table 4. Variables for Each Output Range That Adjust the
Equations in Table 5
OUTPUT RANGE
A1
A2
A3
A4
A5
5V
1.1
2
1
1
10V
2.2
3
0.5
1.5
±5V
2211
1.5
±10V
4
4
0.83
1
2.5
±2.5V
1
1
1.4
1
1
–2.5V to 7.5V
1.9
3
0.7
0.5
1.5
Table 6. Partial List of LTC Precision Amplifiers Recommended for Use with the LTC2753 with Relevant Specifications
AMPLIFIER
AMPLIFIER SPECIFICATIONS
VOS
μV
IB
nA
AVOL
V/mV
VOLTAGE
NOISE
nV/√⎯H⎯z
CURRENT
NOISE
pA/√⎯H⎯z
SLEW
RATE
V/μs
GAIN BANDWIDTH
PRODUCT
MHz
tSETTLING
with LTC2753
μs
POWER
DISSIPATION
mW
LT1001
25
2
800
10
0.12
0.25
0.8
120
46
LT1097
50
0.35
1000
14
0.008
0.2
0.7
120
11
LT1112 (Dual)
60
0.25
1500
14
0.008
0.16
0.75
115
10.5/Op Amp
LT1124 (Dual)
70
20
4000
2.7
0.3
4.5
12.5
19
69/Op Amp
LT1468
75
10
5000
5
0.6
22
90
2
117
LT1469 (Dual)
125
10
2000
5
0.6
22
90
2
123/Op Amp
Table 5. Easy-to-Use Equations Determine Op Amp Effects on DAC Accuracy in All Output Ranges (Circuit of Page 1). Subscript 1
Refers to Output Amp, Subscript 2 Refers to Reference Inverting Amp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com