Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP450 Datasheet(PDF) 5 Page - SYC Electronica

Part # IRFP450
Description  14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

IRFP450 Datasheet(HTML) 5 Page - SYC Electronica

  IRFP450 Datasheet HTML 1Page - SYC Electronica IRFP450 Datasheet HTML 2Page - SYC Electronica IRFP450 Datasheet HTML 3Page - SYC Electronica IRFP450 Datasheet HTML 4Page - SYC Electronica IRFP450 Datasheet HTML 5Page - SYC Electronica IRFP450 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Typical Performance Curves
Unless Otherwise Specified
(Continued)
1.25
1.05
0.95
0.85
0.75
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
1.15
80
ID = 250µA
160
VDS, DRAIN TO SOURCE VOLTAGE (V)
10000
8000
6000
4000
2000
0
12
5
10
2
5
102
CISS = CGS + CGD
CRSS = CGD
COSS
≈ CDS + CGD
VGS = 0V, f = 1MHz
CISS
COSS
CRSS
20
16
12
8
4
0
04812
16
20
ID, DRAIN CURRENT (A)
TJ = 150
oC
TJ = 25
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS ≥ 50V
0
0.5
1.0
1.5
2.0
2.5
VSD, SOURCE TO DRAIN VOLTAGE (V)
102
5
2
10
5
2
1
5
2
0.1
TJ = 150
oC
TJ = 25
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
25
50
75
100
125
ID = 14A
Qg, GATE CHARGE (nC)
20
16
12
8
4
0
VDS = 250V
VDS = 400V
VDS = 100V
IRFP450



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com