Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP450 Datasheet(PDF) 1 Page - SYC Electronica

Part # IRFP450
Description  14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

IRFP450 Datasheet(HTML) 1 Page - SYC Electronica

  IRFP450 Datasheet HTML 1Page - SYC Electronica IRFP450 Datasheet HTML 2Page - SYC Electronica IRFP450 Datasheet HTML 3Page - SYC Electronica IRFP450 Datasheet HTML 4Page - SYC Electronica IRFP450 Datasheet HTML 5Page - SYC Electronica IRFP450 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IRFP450
14A, 500V, 0.400 Ohm, N-Channel
Power MOSFET
This N-Channel enhancement mode silicon gate power field
effect transistor is an advanced power MOSFET designed,
tested, and guaranteed to withstand a specified level of
energy in the breakdown avalanche mode of operation. All of
these power MOSFETs are designed for applications such
as switching regulators, switching convertors, motor drivers,
relay drivers, and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
These types can be operated directly from integrated
circuits.
Formerly developmental type TA17435.
Features
• 14A, 500V
•rDS(ON) = 0.400Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
JEDEC STYLE TO-247
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRFP450
TO-247
IRFP450
NOTE: When ordering, use the entire part number.
G
D
S
SOURCE
DRAIN
GATE
DRAIN
(TAB)


Similar Part No. - IRFP450

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
Aug-1998
logo
Samsung semiconductor
IRFP450 SAMSUNG-IRFP450 Datasheet
212Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
July 1999
logo
International Rectifier
IRFP450 IRF-IRFP450 Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
logo
IXYS Corporation
IRFP450 IXYS-IRFP450 Datasheet
46Kb / 2P
Standard Power MOSFET - N-Channel Enhancement Mode
More results

Similar Description - IRFP450

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF450 FAIRCHILD-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRF450 INTERSIL-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
March 1999
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
July 1999
logo
Alpha & Omega Semicondu...
AOT14N50 AOSMD-AOT14N50 Datasheet
180Kb / 6P
500V, 14A N-Channel MOSFET
logo
Unisonic Technologies
14N50 UTC-14N50 Datasheet
198Kb / 6P
14A, 500V N-CHANNEL POWER MOSFET
UF450 UTC-UF450_11 Datasheet
237Kb / 6P
14A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOB14N50 AOSMD-AOB14N50 Datasheet
263Kb / 6P
500V, 14A N-Channel MOSFET
AOT14N50FD AOSMD-AOT14N50FD Datasheet
237Kb / 6P
500V, 14A N-Channel MOSFET
AOW14N50 AOSMD-AOW14N50 Datasheet
329Kb / 6P
500V, 14A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com