Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP450 Datasheet (PDF) - SYC Electronica

IRFP450 Datasheet PDF - SYC Electronica
Part # IRFP450
Download  IRFP450 Download
File Size   137.92 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 14A, 500V, 0.400 Ohm, N-Channel Power MOSFET

IRFP450 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP450 Datasheet PDF - SYC Electronica

Part # IRFP450
Download  IRFP450 Click to download

File Size   137.92 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 14A, 500V, 0.400 Ohm, N-Channel Power MOSFET

IRFP450 Datasheet (HTML) - SYC Electronica


IRFP450 Product details

Features
• 14A, 500V
• r
DS(ON) = 0.400Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”




Similar Part No. - IRFP450

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
Aug-1998
logo
Samsung semiconductor
IRFP450 SAMSUNG-IRFP450 Datasheet
212Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
July 1999
logo
International Rectifier
IRFP450 IRF-IRFP450 Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
logo
IXYS Corporation
IRFP450 IXYS-IRFP450 Datasheet
46Kb / 2P
Standard Power MOSFET - N-Channel Enhancement Mode
More results


Similar Description - IRFP450

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF450 FAIRCHILD-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRF450 INTERSIL-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
March 1999
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
July 1999
logo
Alpha & Omega Semicondu...
AOT14N50 AOSMD-AOT14N50 Datasheet
180Kb / 6P
500V, 14A N-Channel MOSFET
logo
Unisonic Technologies
14N50 UTC-14N50 Datasheet
198Kb / 6P
14A, 500V N-CHANNEL POWER MOSFET
UF450 UTC-UF450_11 Datasheet
237Kb / 6P
14A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOB14N50 AOSMD-AOB14N50 Datasheet
263Kb / 6P
500V, 14A N-Channel MOSFET
AOT14N50FD AOSMD-AOT14N50FD Datasheet
237Kb / 6P
500V, 14A N-Channel MOSFET
AOW14N50 AOSMD-AOW14N50 Datasheet
329Kb / 6P
500V, 14A N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com