Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2121 Datasheet(PDF) 14 Page - Vicor Corporation

Part # PI2121
Description  8 Volt, 24 Amp Full-Function Active ORing Solution
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2121 Datasheet(HTML) 14 Page - Vicor Corporation

Back Button PI2121 Datasheet HTML 10Page - Vicor Corporation PI2121 Datasheet HTML 11Page - Vicor Corporation PI2121 Datasheet HTML 12Page - Vicor Corporation PI2121 Datasheet HTML 13Page - Vicor Corporation PI2121 Datasheet HTML 14Page - Vicor Corporation PI2121 Datasheet HTML 15Page - Vicor Corporation PI2121 Datasheet HTML 16Page - Vicor Corporation PI2121 Datasheet HTML 17Page - Vicor Corporation PI2121 Datasheet HTML 18Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Picor Corporation • picorpower.com
PI2121
Rev. 1.2 Page 14 of 21
Select the value of Rbias using the following
equations:
max
min
IC
VC
Vaux
Rbias
clamp
−
=
Rbias maximum power dissipation:
Rbias
VC
Vaux
Pd
clamp
Rbias
2
max
)
(
−
=
Where:
min
Vaux
: Vaux minimum voltage
max
Vaux
: Vaux maximum voltage
Clamp
VC
: Controller clamp voltage, 15.5V
max
IC
: Controller maximum bias current, use
4.2mA
Example: Vaux 20V to 30V
Ω
=
−
=
−
=
K
mA
V
V
IC
VC
Vaux
Rbias
clamp
07
.
1
2
.
4
5
.
15
20
max
min
mW
K
V
V
Rbias
VC
Vaux
Pd
clamp
Rbias
196
07
.
1
)
5
.
15
30
(
)
(
2
2
max
=
Ω
−
=
−
=
Internal N-Channel MOSFET BVdss:
The
PI2121’s
internal
N-Channel
MOSFET
breakdown voltage (BVdss) is rated for 8V at 25°C
and will degrade at -40°C to 7.75V, refer to Figure
10. In an application when the MOSFET is turned
off due to a reverse fault, the series parasitic
elements in the circuit may contribute to the
MOSFET being exposed to a voltage higher than its
voltage rating.
In Active ORing applications when one of the input
power sources is shorted, a large reverse current is
sourced from the circuit output through the
MOSFET. Depending on the output impedance of
the system, the reverse current may reach over 60A
in some conditions before the MOSFET is turned off.
Such high current conditions will store energy even
in a small parasitic element. For example: a 1nH
parasitic inductance with 60A reverse current will
generate 1.8µJ (½Li
2). When the MOSFET is turned
off, the stored energy will be released and produce a
high negative voltage ringing at the MOSFET
source. At the same time the energy stored at the
drain side of the internal MOSFET will be released
and produce a voltage higher than the load voltage.
This event will create a high voltage difference
between the drain and source of the MOSFET. To
reduce the magnitude of the ringing voltage, add a
ceramic capacitor very close to the source that can
react to the voltage ringing frequency and another
capacitor close to the drain. Recommended values
for the ceramic capacitors are 1µF, refer to C5 and
C7 in Figure 24.
Slave:
For a high current application where one PI2121 can
not handle the total load current, multiple PI2121’s
can be paralleled in a master / slave configuration to
support the total current per input. In the Master /
Slave mode, one PI2121 is configured as the master
and the rest are configured as slaves. The slave
(
SL ) pin of the master unit will act as an output
driving the units configured in slave mode. The
SL
pins of the slave units will act as inputs under the
control of the master.
Tie the BK pin to VC to configure the unit in slave
mode.
Power dissipation:
In Active ORing circuits the MOSFET is always on in
steady state operation and the power dissipation is
derived from the total source current and the on-
state resistance of the internal MOSFET.
The PI2121 internal MOSFET power dissipation can
be calculated with the following equation:
)
(
2
on
Rds
Is
Pd
MOSFET
∗
=
Where:
Is
: Source Current
Rds(on) : MOSFET on-state resistance
Note:
Calculate with Rds(on) at maximum MOSFET
temperature
because
Rds(on)
is
temperature
dependent. Refer to figure 11 for normalized
Rds(on) values over temperature. PI2121 nominal
Rds(on) at 25°C is 1.5mΩ and will increase by 40%
at 125°C junction temperature.
The Junction Temperature rise is a function of power
dissipation and thermal resistance.
)
(
2
on
Rds
Is
Rth
Pd
Rth
Trise
JA
MOSFET
JA
∗
∗
=
∗
=
,
Where:
JA
Rth : Junction-to-Ambient thermal resistance
(54°C/Watt)
(3)
This may require iteration to get to the final junction
temperature. Figures 13, 14, and 17 show the
PI2121 internal MOSFET final junction temperature
curves versus conducted current at given ambient
temperatures and air flow.
END OF LIFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com