Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2121 Datasheet(PDF) 16 Page - Vicor Corporation

Part # PI2121
Description  8 Volt, 24 Amp Full-Function Active ORing Solution
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2121 Datasheet(HTML) 16 Page - Vicor Corporation

Back Button PI2121 Datasheet HTML 12Page - Vicor Corporation PI2121 Datasheet HTML 13Page - Vicor Corporation PI2121 Datasheet HTML 14Page - Vicor Corporation PI2121 Datasheet HTML 15Page - Vicor Corporation PI2121 Datasheet HTML 16Page - Vicor Corporation PI2121 Datasheet HTML 17Page - Vicor Corporation PI2121 Datasheet HTML 18Page - Vicor Corporation PI2121 Datasheet HTML 19Page - Vicor Corporation PI2121 Datasheet HTML 20Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Picor Corporation • picorpower.com
PI2121
Rev. 1.2 Page 16 of 21
Typical Application Example 1:
Requirement:
Redundant Bus Voltage = 3.3V
Load Current = 20A (assume through each
redundant path)
Maximum Ambient Temperature = 60°C, no air flow
Auxiliary Voltage = 12V (10V to 14V)
Solution:
A single PI2121 for each redundant 3.3V power
source should be used, configured as shown in the
circuit schematic in Figure 22.
Vaux:
Since the Vaux voltage does not exceed the VC pin
clamp voltage, connect the Vaux directly to the VC
pin
SP and SN pins:
Connect each SP pin to the S pins and each SN pin
to the D pins
BK pin:
Connect the BK pin to ground to achieve the
minimum reverse current response time.
SL pin: Not required, so leave floating
FT pin:
Connect to the logic input and to the logic power
supply via a 10KΩ resistor.
Program UV and OV to monitor input voltage:
Program UV at 3.0V and OV at 3.6V
Use the three-resistor divider configuration:
A
I
Ra
μ
200
=
Ω
=
=
k
A
mV
Ra
5
.
2
200
500
μ
or 2.49kΩ 1%
Ω
=
⎟
⎠
⎞
⎜
⎝
⎛
−
Ω
=
498
1
0
.
3
6
.
3
49
.
2
V
V
k
Rb
or 499Ω 1%
()
Ω
=
⎟
⎠
⎞
⎜
⎝
⎛
−
Ω
+
Ω
=
k
mV
V
k
Rc
95
.
14
1
500
0
.
3
499
49
.
2
or 15kΩ 1%
Power Dissipation and Junction Temperature:
First use Figure 13 (Junction Temperature vs. Input
Current) to find the final junction temperature for 20A
load current at 60°C ambient temperature. In Figure
13 (illustrated in Figure 21) draw a vertical line from
20A to intersect the 60°C ambient temperature line.
At the intersection draw a horizontal line towards the
Y-axis
(Junction
Temperature).
The
Junction
Temperature at full load current (20A) and 60°C
ambient is 118°C.
Rds(on) is 2.0mΩ maximum at 25°C and will
increase as the Junction temperature increases.
From Figure 11, at 118°C Rds(on) will increase by
~35%, then
Ω
=
∗
Ω
=
m
m
on
Rds
7
.
2
35
.
1
0
.
2
)
(
maximum at 118°C
Maximum power dissipation is:
W
m
A
on
Rds
Iin
Pd
08
.
1
7
.
2
)
20
(
)
(
2
2
max
=
Ω
∗
=
∗
=
Recalculate TJ:
C
m
A
W
C
C
T
J
°
=
⎟
⎠
⎞
⎜
⎝
⎛
Ω
∗
∗
°
+
°
=
3
.
118
7
.
2
)
20
(
54
60
2
max
Figure 21: Example 1 final junction temperature at
20A/60°C TA
Reverse Current Threshold:
The following procedure demonstrates how to
calculate the minimum required reverse current in
the internal MOSFET to generate a reverse fault
condition and turn off the internal MOSFET.
At room temperature (25°C) typical Rds(on):
A
m
mV
on
Rds
reverse
Vth
reverse
Is
4
5
.
1
6
)
(
.
.
−
=
Ω
−
=
=
At maximum junction temperature (118°C) and
maximum Rds(on):
A
m
mV
on
Rds
reverse
Vth
reverse
Is
2
.
2
7
.
2
6
)
(
.
.
−
=
Ω
−
=
=
END OF LIFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com