Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2121 Datasheet(PDF) 17 Page - Vicor Corporation

Part # PI2121
Description  8 Volt, 24 Amp Full-Function Active ORing Solution
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2121 Datasheet(HTML) 17 Page - Vicor Corporation

Back Button PI2121 Datasheet HTML 13Page - Vicor Corporation PI2121 Datasheet HTML 14Page - Vicor Corporation PI2121 Datasheet HTML 15Page - Vicor Corporation PI2121 Datasheet HTML 16Page - Vicor Corporation PI2121 Datasheet HTML 17Page - Vicor Corporation PI2121 Datasheet HTML 18Page - Vicor Corporation PI2121 Datasheet HTML 19Page - Vicor Corporation PI2121 Datasheet HTML 20Page - Vicor Corporation PI2121 Datasheet HTML 21Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Picor Corporation • picorpower.com
PI2121
Rev. 1.2 Page 17 of 21
Figure 22: Two PI2121 in High Side ORing
configuration
Typical Application Example 2:
Requirement:
Redundant Bus Voltage = 1.2V
Load Current = 100A (assume through each
redundant path)
Auxiliary Voltage = 12V
Solution:
Five PI2121’s for each redundant 1.2V power source
should be used, configured in a master / slave
configuration as shown in the circuit schematic in
Figure 23.
Vaux: Since the Vaux voltage does not exceed the
VC pin clamp voltage, connect the Vaux directly to
each PI2121 VC pin.
SP and SN pins: For each specific PI2121, connect
each SP pin to the respective S pins and each SN
pin to the respective D pins. The master unit will
perform the sensing function.
BK pin: Connect the Master PI2121 BK pin directly
to ground to achieve the minimum reverse current
response time, and connect the BK pin of the slaved
PI2121’s to the respective local VC pin.
SL pin: For each set of parallel PI2121’s connect
the
SL pins together.
FT pin: Connect the FT pin of the Master PI2121
to a logic input and to the logic power supply via a
10KΩ resistor.
Program UV and OV of the Master PI2121 to
monitor Input Voltage:
Program UV at 1.1V and OV at 1.3V
Use the three-resistor divider configuration:
A
I
Ra
μ
200
=
Ω
=
=
k
A
mV
Ra
5
.
2
200
500
μ
or 2.49kΩ 1%
Ω
=
⎟
⎠
⎞
⎜
⎝
⎛
−
Ω
=
452
1
1
.
1
3
.
1
49
.
2
V
V
k
Rb
or 453Ω 1%
()
Ω
=
⎟
⎠
⎞
⎜
⎝
⎛
−
Ω
+
Ω
=
k
mV
V
k
Rc
.
53
.
3
1
500
1
.
1
453
49
.
2
or 3.57k
Ω 1%
END OF LIFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com