Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2604L-R Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE2604L-R
Description  SE2604L: 2.4 GHz High Power Wireless LAN Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2604L-R Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE2604L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2604L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2604L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2604L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2604L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2604L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2604L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2604L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2604L-R Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DATA SHEET
SE2604L: 2.4 GHz High Power Wireless LAN Power Amplifier
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202437B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 12, 2014
4
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ZEN
Enable pin input impedance
Passive Pull
Down
10
kΩ
AC Electrical Characteristics
802.11g/n Transmit Characteristics
Conditions: VCC = EN = 3.3 V, TA = 25
C, as measured on Skyworks Solutions’ SE2604L-EV1 evaluation board
(de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FIN
Frequency Range
-
2400
-
2500
MHz
POUT
Output Power
54 Mbps OFDM signal, 64
QAM, 3% EVM
21.5
23
-
dBm
11Mbps CCK signal,
BT = 0.045, Mask
24.5
26
-
802.11n, HT20, all data
rates, Mask
26
27
-
802.11n, HT40, All data
rates, Mask
23
24
-
P1dB
P1dB
-
27
30
-
dBm
S21
Small Signal Gain
-
30
32
35
dB
∆S21
Small Signal Gain
Variation
Gain variation over single
40MHz channel
Gain Variation over band
-
-
0.5
1.0
0.6
1.75
dB
2f
Harmonics
POUT = 26 dBm, 1 Mbps,
802.11b
-
-50
-45
dBm/MHz
3f
-
-50
-45
dBm/MHz
tdr, tdf
Delay and rise/fall
Time
50 % of VEN edge and
90/10 % of final output
power level
-
0.5
-
μs
S11
Input Return Loss
-
10
15
-
dB
STAB
Stability
CW, POUT = 26 dBm
0.1 GHz – 20 GHz
Load VSWR = 6:1
All non-harmonically related outputs less than
-42 dBm/MHz
RU
Ruggedness
CW, PIN = +12dBm, Load
VSWR = 6:1
No permanent damage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com