Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2604L-R Datasheet (PDF) - Skyworks Solutions Inc.

SE2604L-R Datasheet PDF - Skyworks Solutions Inc.
Part # SE2604L-R
Download  SE2604L-R Download
File Size   290.86 Kbytes
Page   9 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description SE2604L: 2.4 GHz High Power Wireless LAN Power Amplifier

SE2604L-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SE2604L-R Datasheet PDF - Skyworks Solutions Inc.

Part # SE2604L-R
Download  SE2604L-R Click to download

File Size   290.86 Kbytes
Page   9 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description SE2604L: 2.4 GHz High Power Wireless LAN Power Amplifier

SE2604L-R Datasheet (HTML) - Skyworks Solutions Inc.


SE2604L-R Product details

Applications
 IEEE802.11b DSSS WLAN
 IEEE802.11g,n OFDM WLAN
 High Power Wireless Networking Products
Features
 Dual Mode IEEE802.11b, IEEE802.11g,
IEEE802.11n
 23 dBm, EVM = 3%, 802.11g, OFDM 54 Mbps
 26 dBm, ACPR < -32 dBc, 802.11b
 Integrated PA, Input Match, 2.8V reference
voltage generator
 Integrated Temperature Compensated, Positive
Slope Power Detector
 Pb-free, RoHS compliant and Halogen-free
 3 mm x 3 mm x 0.6 mm QFN, MSL 3
Product Description
The SE2604L is a high power 802.11bgn WLAN
power amplifier module providing the functionality of
the power amplifier, power detector, reference voltage
generator and input match.
The SE2604L is designed for ease of use and
maximum flexibility, with an integrated input match,
and external output match to adjust the load line for
either 3.3V, 23dBm operation.
The SE2604L includes a temperature compensated
transmit power detector with over 20 dB of dynamic
range and <1.2dB variation under 3:1 mismatch at the
antenna.
The SE2604L includes a digital enable control due to
an integrated reference voltage generator. The power
ramp rise/fall time is 0.5 μs typical.




Similar Part No. - SE2604L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2600S SIGE-SE2600S Datasheet
134Kb / 2P
2.4 GHz WLAN Switch/LNA Front End Preliminary
logo
Skyworks Solutions Inc.
SE2600S SKYWORKS-SE2600S Datasheet
647Kb / 10P
2.4 GHz WLAN Switch/Low-Noise Amplifier Front-End
logo
SiGe Semiconductor, Inc...
SE2600S-EK1 SIGE-SE2600S-EK1 Datasheet
134Kb / 2P
2.4 GHz WLAN Switch/LNA Front End Preliminary
SE2600S-R SIGE-SE2600S-R Datasheet
134Kb / 2P
2.4 GHz WLAN Switch/LNA Front End Preliminary
logo
Skyworks Solutions Inc.
SE2605L SKYWORKS-SE2605L Datasheet
644Kb / 11P
High Power (26 dBm) 802.11n WLAN Power Amplifier with Integrated Power Detector
More results


Similar Description - SE2604L-R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 1.0
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2565T SIGE-SE2565T Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2568U SIGE-SE2568U Datasheet
109Kb / 2P
2.4 GHz High Efficiency Wireless LAN PA Preliminary
SE2576L SIGE-SE2576L Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2566U SIGE-SE2566U Datasheet
86Kb / 2P
2.4 GHz Dual Channel Wireless LAN Power Amplifier Preliminary
logo
Skyworks Solutions Inc.
SE2623L-R SKYWORKS-SE2623L-R Datasheet
187Kb / 2P
2.4 GHz High-Power Wireless LAN Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com