Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2604L-R Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SE2604L-R
Description  SE2604L: 2.4 GHz High Power Wireless LAN Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2604L-R Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SE2604L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2604L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2604L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2604L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2604L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2604L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2604L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2604L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2604L-R Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DATA SHEET
SE2604L: 2.4 GHz High Power Wireless LAN Power Amplifier
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202437B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 12, 2014
5
Power Detector Characteristics
Conditions: VCC = EN = 3.3 V, TA = 25
C, as measured on Skyworks Solutions’ SE2604L-EV1 evaluation board,
unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FOUT
Frequency Range
-
2400
-
2500
MHz
PDR
Power detect range,
CW
Measured at RF out
0
-
26
dBm
PDZsrc
DC source impedance
on PD_OUT
-
-
2.3
-
KΩ
PDZLOAD
DC load impedance
-
-
26.5
-
KΩ
PDVNoRF
Output Voltage, POUT =
5dBm
Measured into 26.5KΩ
0.27
0.33
0.38
V
PDVp23
Output Voltage, POUT =
23 dBm CW
Measured into 26.5KΩ
0.70
0.79
0.89
V
PDVp27
Output Voltage, POUT =
27 dBm CW
Measured into 26.5KΩ
0.9
1.0
1.1
V
LPF-3dB
Power detect low pass
filter -3dB corner
frequency
Measured into 26.5KΩ
-
2.0
-
MHz
Figure 3: SE2604L Detector Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com