Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5003L-R Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SE5003L-R
Description  SE5003L: 5 GHz, 23dBm Power Amplifier with Power Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5003L-R Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SE5003L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATA SHEET
SE5003L: 5 GHz, 23dBm Power Amplifier with Power Detector
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202392B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 23, 2012
3
Absolute Maximum Ratings
These are stress ratings only. Exposure to stresses beyond these maximum ratings for a long period of time may
cause permanent damage to, or affect the reliability of the device. Avoid operating the device outside the
recommended operating conditions defined below. This device is ESD sensitive. Handling and assembly of this
device should be at ESD protected workstations.
Symbol
Definition
Min.
Max.
Unit
VCC
Supply Voltage on pins VCC3
-0.3
+6
V
Supply Voltage on pins VCC1, VCC2
-0.3
VCC3
VREF
Power Amplifier Enable and reference voltage
-0.3
3.6
V
RFIN
RF Input Power, RFout into 50
Ω match, TCASE_MAX = 85C
-
6
dBm
TSTG
Storage Temperature Range
-40
160
°C
Tj
Maximum Junction Temperature
-
160
°C
ESD HBM
JEDEC JESD22-A114 all pins
Class1A
Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage VCC1, VCC2, VCC3
3.0
5.5
V
TCASE_MAX
Max Case Temperature
-40
85
°C
VREF
Reference Voltage
2.8
2.9
V
DC Electrical Characteristics
Conditions:
VCC = 5.0V, VREF = 2.85 V, TA = 25 °C, as measured on Skyworks’ SE5003L-EK1 evaluation board,
unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC-802.11a
Supply Current
POUT = 23 dBm, 5.0V, 54 Mbps, 64 QAM
-
340
650
mA
IQC
Quiescent Current
No RF
-
150
-
mA
IOFF
Supply Current
VREF = 0 V, No RF
-
0.5
10
μA
IEN
Bias Control
Current
VREF = VREFH
Internal 2
KΩ pull down resistor
-
10
-
mA
VREF H
Reference Voltage
Enabled
-
2.8
2.85
2.9
V
VREF L
Reference Voltage
Disabled
-
0
-
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com