Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5003L-R Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SE5003L-R
Description  SE5003L: 5 GHz, 23dBm Power Amplifier with Power Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5003L-R Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SE5003L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DATA SHEET
SE5003L: 5 GHz, 23dBm Power Amplifier with Power Detector
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202392B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 23, 2012
2
Pin Out Diagram
Figure 2: SE5003L Pin Out (Top View Through Package)
Pin Out Description
Pin No.
Name
Description
1
NU
Pin is Not Used, and is open circuit in the package
2
GND
Ground
3
RFin
Power Amplifier RF input, DC block required
4
GND
Ground
5
VREF
Reference Voltage
6
SP1
Ports for optional capacitor to improve dynamic EVM
7
SP2
8
VCC2
Second Stage Supply Voltage
9
VCC3
Third Stage Supply Voltage
10
DET
Analog Power Detector Output
11,12
GND
Ground
13
RF OUT
Power Amplifier RF Output
14-17
GND
Ground
18
VCC3
Third Stage Supply Voltage
19
VCC2
Second Stage Supply Voltage
20
VCC1
First Stage Supply Voltage
1
2
3
4
5
15
14
13
12
11
20 19 18 17 16
6
7
8
9
10
NU
GND
RF IN
GND
VREF
GND
GND
RF OUT
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com