Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5003L-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE5003L-R
Description  SE5003L: 5 GHz, 23dBm Power Amplifier with Power Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5003L-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE5003L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5003L-R Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
SE5003L: 5 GHz, 23dBm Power Amplifier with Power Detector
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202392B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 23, 2012
1
Applications
DSSS 5 GHz WLAN (IEEE802.11a)
DSSS 5 GHz WLAN (IEEE802.11n)
Access Points, PCMCIA, PC cards
Features
High output power amplifier
- 23dBm at 5V
External Analog Reference Voltage (VREF) for
maximum flexibility
Buffered, temperature compensated power
detector
3% EVM, @23dBm, 64 QAM, 54 Mbps
32 dB Gain
Lead Free, RoHS compliant and halogen free
package, MSL3
20 pin 4 mm x 4 mm x 0.9 mm QFN
Ordering Information
Part Number
Package
Remark
SE5003L
20 Pin QFN
Samples
SE5003L-R
20 Pin QFN
Tape and Reel
SE5003L-EK1
Evaluation Kit
Standard
Product Description
The SE5003L is a 5GHz power amplifier offering high
linear power for wireless LAN applications.
The
SE5003L incorporates a power detector for closed
loop monitoring and control of the output power.
The SE5003L offers high integration for a simplified
design, providing quicker time to market and higher
application board production yield.
The device
integrates the input match, the inter-stage match, the
output match, the power detector with 15dB of
dynamic range and a 3.8GHz notch filter.
Only 6
external
decoupling
capacitors
are
required
to
complete the design.
For wireless LAN applications, the device meets the
requirements of IEEE802.11a & 802.11n, and delivers
approximately 23dBm of linear output power at 5V.
The
SE5003L
integrates
the
reference
voltage
generator. A 2.85V reference voltage on VREF is all
that is required to enable or disable the power
amplifier.
Functional Block Diagram
RFIN includes DC shunt to Ground; External blocking capacitor is recommended.
Figure 1: Functional Block Diagram


Similar Part No. - SE5003L-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SE500 LITTELFUSE-SE500 Datasheet
656Kb / 3P
Gas Discharge Tubes
Revised: 12/12/17
logo
Skyworks Solutions Inc.
SE5004L SKYWORKS-SE5004L Datasheet
290Kb / 9P
5 GHz, 26dBm Power Amplifier with Power Detector
October 23, 2012
SE5004L-EK1 SKYWORKS-SE5004L-EK1 Datasheet
290Kb / 9P
5 GHz, 26dBm Power Amplifier with Power Detector
October 23, 2012
SE5004L-R SKYWORKS-SE5004L-R Datasheet
290Kb / 9P
5 GHz, 26dBm Power Amplifier with Power Detector
October 23, 2012
SE5005L SKYWORKS-SE5005L Datasheet
541Kb / 10P
5 GHz Power Amplifier with Power Detector
April 3, 2013
More results

Similar Description - SE5003L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
5 GHz Power Amplifier with Power Detector
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
5 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE5023L SKYWORKS-SE5023L Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector
SE5023L-DS SKYWORKS-SE5023L-DS Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector Preliminary Information
logo
Transcom, Inc.
TA020-060-12-23 TRANSCOM-TA020-060-12-23 Datasheet
63Kb / 2P
2 ~ 6 GHz 12dB Gain 23dBm Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com