Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7802SMTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7802SMTR
Description  High efficiency digital input quad power amplifier with built-in diagnostics features, ’start stop’ compatible
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7802SMTR Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7802SMTR Datasheet HTML 1Page - STMicroelectronics TDA7802SMTR Datasheet HTML 2Page - STMicroelectronics TDA7802SMTR Datasheet HTML 3Page - STMicroelectronics TDA7802SMTR Datasheet HTML 4Page - STMicroelectronics TDA7802SMTR Datasheet HTML 5Page - STMicroelectronics TDA7802SMTR Datasheet HTML 6Page - STMicroelectronics TDA7802SMTR Datasheet HTML 7Page - STMicroelectronics TDA7802SMTR Datasheet HTML 8Page - STMicroelectronics TDA7802SMTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For further information contact your local STMicroelectronics sales office.
October 2014
DocID025017 Rev 4
1/10
TDA7802
High efficiency digital input quad power amplifier with built-in
diagnostics features, ’start stop’ compatible
Data brief
Features
 24-bit resolution
 110 dB dynamic range (A-weighted)
 SB-I (SB - improved) high efficiency operation
the highest ’non - class D’ efficiency
 1 Ohm driving capability (only in PowerSO36
package)
– High output power capability:
4 x 28 W 4
Ω@ 14.4 V, 1 kHz, THD = 10 %
– Max output power: 4 x 72 W 2 Ω
 Flexible mode control:
– Full I2C bus driving 1.8 V/3.3 V) with four
addresses selectable (only for PowerSO36
package option)
– Independent front/rear play/ mute
– Four selectable gains for very-low noise
line-out function
– Digital diagnostic with DC and AC load
detections
 Optional H/W control (no I2C bus)
 Start-stop compatibility (operation down to 6 V)
 Sample rates: 44.1 kHz, 48 kHz, 96 kHz, 192 kHz
 Flexible serial data port (1.8 V / 3.3 V):
–I2S standard, TDM 4Ch, TDM 8Ch,
TDM 16Ch
 Offset detector (play or mute mode)
 Independent front/rear clipping detector
 Programmable diagnostic pin
 CMOS compatible enable pin
 Thermal protection
 Qualification in accordance to AEC Q100 rev. G
standard
Description
The TDA7802 is a single chip quad bridge
amplifier in advanced BCD technology
integrating: a full D/A converter, digital input for
direct connection to I2S (or TDM) and powerful
MOSFET output stages.
The integrated D/A converter allows the
performance to reach an outstanding 115 dB S/N
ratio with more than 110 dB of dynamic range.
Moreover the TDA7802 integrates an innovative
high efficiency concept, optimized also for
uncorrelated music signals, that makes it the most
suitable device to simplify the thermal
management in high power sets.
Thanks to this concept, the dissipated output
power under average listening conditions can be
reduced up to 50% when compared to the
conventional class AB solutions.
The TDA7802 integrates also a programmable
PLL that is able to lock at the input frequencies of
64*Fs and 50*Fs for all the input configurations.
The device is equipped with a full diagnostics
array that communicates the status of each
speaker through the I2C bus. The same I2C bus
allows to control several configurations of the
device.
The TDA7802 is able to play music down to 6 V
supply voltage - so it is compatible with the so
called 'start stop' battery profile recently adopted
by several car makers (thus reducing the fuel
consumption and and the impact over the
environment).
PowerSO36
Flexiwatt27
Flexiwatt27 (SMD)
Table 1.
Device summary
Order code
Package
Packing
TDA7802
Flexiwatt27 (Vertical)
Tube
TDA7802SM
Flexiwatt27 (SMD)
Tube
TDA7802SMTR
Tape & reel
TDA7802PD
PowerSO36
Tube
TDA7802PDTR
Tape & reel
www.st.com


Similar Part No. - TDA7802SMTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA7802 ETC2-TDA7802 Datasheet
2Mb / 2P
power amplifiers moving to the green zone
More results

Similar Description - TDA7802SMTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Dec-2002
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Apr-2004
TDA7801 STMICROELECTRONICS-TDA7801 Datasheet
214Kb / 8P
Digital input quad power amplifier with built-in diagnostics features
12-Sep-2008
TDA7803A STMICROELECTRONICS-TDA7803A Datasheet
1Mb / 72P
High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
06-Sep-2022
TDA7808 STMICROELECTRONICS-TDA7808 Datasheet
777Kb / 39P
High efficiency digital input automotive quad power amplifier, start stop compatible
15-Jan-2019
TDA7901 STMICROELECTRONICS-TDA7901 Datasheet
216Kb / 13P
High efficiency digital input automotive quad power amplifier with built-in diagnostics features, Class-G integrated, ’start stop’ compatible
19-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com