Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2913
Description  Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology LTC2913 Datasheet HTML 10Page - Linear Technology LTC2913 Datasheet HTML 11Page - Linear Technology LTC2913 Datasheet HTML 12Page - Linear Technology LTC2913 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC2917/LTC2918
9
29178f
APPLICATIONS INFORMATION
Supply Monitoring
The LTC2917/LTC2918 are low voltage single supply
monitors with selectable thresholds. Two three-state inputs
select one of nine internally programmed thresholds. For
the LTC2917, a third three-state input selects the tolerance
at which the supply connected to the VM pin is monitored
(–5%, –10%, –15%). The tolerance for the LTC2918 is
fixed at –5%. Threshold accuracy is guaranteed at ±1.5%
over the entire operating temperature range.
The LTC2917/LTC2918 asserts the ⎯R⎯S⎯T output low when
VM is below the programmed threshold, and for a reset
timeout period (tRST) after VM goes above the threshold.
The reset timeout can be configured to use one of two
internal timers with no external components, or an ad-
justed timer programmed by placing an external capacitor
from RT to ground. Glitch filtering ensures reliable reset
operation without false triggering.
Power-Up
VCC powers the drive circuits for the ⎯R⎯S⎯T pin. Therefore,
as soon as VCC reaches 0.8V during power up, the ⎯R⎯S⎯T
output asserts low.
Until VCC reaches the undervoltage lockout threshold
(guaranteed less than 1.5V), ⎯R⎯S⎯T is held low regardless
of the state of VM.
Once VCC is above the undervoltage lockout threshold
and VM is above the programmed threshold, the reset
timer is started. After the reset timeout, the open drain
pull-down releases ⎯R⎯S⎯T and the external pull-up resistor
pulls high.
Power-Down
On power-down, once VM drops below its threshold or
VCC drops below the undervoltage lockout, ⎯R⎯S⎯T asserts
logic low.
Monitor Threshold Control
The monitor threshold on the VM pin is controlled by
the SEL1, SEL2 and TOL three-state pins. The SEL1 and
SEL2 pins select one of nine preset nominal voltages
(including one externally adjustable threshold) as shown
in Table 1.
The SEL1 and SEL2 three-state input pins should be con-
nected to GND, VCC or left unconnected during normal
operation. Note that when left unconnected, the maximum
leakage allowable from the pin to either GND or VCC is
±5μA.
The tolerance at which the monitored supply is measured
is set by the TOL pin (LTC2917 only) as shown in Table 2.
If desired (e.g. for margining purposes), the TOL pin may
be driven by a three-state buffer. That three-state buffer
must have a VOL and VOH which meet the VIL and VIH of
the TOL pin specified in the Electrical Characteristics, and
maintain less than 5μA of leakage in the open state.
Table 1. Voltage Threshold Settings
NOMINAL VOLTAGE
SEL1
SEL2
12V
VCC
VCC
5V
VCC
Open
3.3V
VCC
GND
2.5V
Open
VCC
1.8V
Open
Open
*1.5V
Open
GND
*1.2V
GND
VCC
*1V
GND
Open
*ADJ (0.5V)
GND
GND
*Require a separate supply for VCC
Table 2. System Voltage Tolerance Settings
TOLERANCE
TOL
–5%
VCC
–10%
Open
–15%
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com